Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC856W-BC860W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

No. de pieza BC856W-BC860W
Descripción Electrónicos  PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC856W-BC860W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BC856W-BC860W Datasheet HTML 1Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 2Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 3Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 4Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 5Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 6Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 7Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
04.96
PNP Silicon AF Transistors
BC 856W ... BC 860W
Features
q
For AF input stages and driver applications
q
High current gain
q
Low collector-emitter saturation voltage
q
Low noise between 30 Hz and 15 kHz
q
Complementary types: BC 847W, BC 848W,
BC 849W, BC 850W (NPN)
Type
Marking
Package1)
Pin Configuration
BC 856 AW
BC 856 BW
BC 857 AW
BC 857 BW
BC 857 CW
BC 858 AW
BC 858 BW
BC 858 CW
BC 859 AW
BC 859 BW
BC 859 CW
BC 860 BW
BC 860 CW
Q62702-C2335
Q62702-C2292
Q62702-C2293
Q62702-C2294
Q62702-C2295
Q62702-C2296
Q62702-C2297
Q62702-C2298
Q62702-C2299
Q62702-C2300
Q62702-C2301
Q62702-C2302
Q62702-C2303
3As
3Bs
3Es
3Fs
3Gs
3Js
3Ks
3Ls
4As
4Bs
4Cs
4Fs
4Gs
SOT-323
1
2
3
Ordering Code
(tape and reel)
B
E
C
1)
For detailed information see chapter Package Outlines.


Número de pieza similar - BC856W-BC860W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BC856W-Q NEXPERIA-BC856W-Q Datasheet
229Kb / 13P
   65 V, 100 mA PNP general-purpose transistors
Rev. 1 - 24 June 2021
More results

Descripción similar - BC856W-BC860W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856S SIEMENS-BC856S Datasheet
42Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC857S SIEMENS-BC857S Datasheet
159Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC846W-BC850W SIEMENS-BC846W-BC850W Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com