Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCP56-10 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

No. de pieza BCP56-10
Descripción Electrónicos  NPN Silicon AF Transistors (For AF driver and output stages High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP56-10 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCP56-10 Datasheet HTML 1Page - Siemens Semiconductor Group BCP56-10 Datasheet HTML 2Page - Siemens Semiconductor Group BCP56-10 Datasheet HTML 3Page - Siemens Semiconductor Group BCP56-10 Datasheet HTML 4Page - Siemens Semiconductor Group BCP56-10 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
NPN Silicon AF Transistors
BCP 54
... BCP 56
5.91
Type
Marking
Package1)
Pin Configuration
BCP 54
BCP 54-10
BCP 54-16
BCP 55
BCP 55-10
BCP 55-16
BCP 56
BCP 56-10
BCP 56-16
Q62702-C2117
Q62702-C2119
Q62702-C2120
Q62702-C2148
Q62702-C2122
Q62702-C2123
Q62702-C2149
Q62702-C2125
Q62702-C2106
BCP 54
BCP 54-10
BCP 54-16
BCP 55
BCP 55-10
BCP 55-16
BCP 56
BCP 56-10
BCP 56-16
SOT-223
1
2
3
Ordering Code
(tape and reel)
4
B
C
E
C
1)
For detailed information see chapter Package Outlines.
q
For AF driver and output stages
q
High collector current
q
Low collector-emitter saturation voltage
q
Complementary types: BCP 51 … BCP 53 (PNP)


Número de pieza similar - BCP56-10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BCP56-10 PHILIPS-BCP56-10 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Zetex Semiconductors
BCP56-10 ZETEX-BCP56-10 Datasheet
42Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Infineon Technologies A...
BCP56-10 INFINEON-BCP56-10 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BCP56-10 INFINEON-BCP56-10 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
logo
NXP Semiconductors
BCP56-10 NXP-BCP56-10 Datasheet
161Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
More results

Descripción similar - BCP56-10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BDP947 SIEMENS-BDP947 Datasheet
40Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com