Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISLA224S Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISLA224S
Descripción Electrónicos  Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224S Datasheet(HTML) 3 Page - Intersil Corporation

  ISLA224S Datasheet HTML 1Page - Intersil Corporation ISLA224S Datasheet HTML 2Page - Intersil Corporation ISLA224S Datasheet HTML 3Page - Intersil Corporation ISLA224S Datasheet HTML 4Page - Intersil Corporation ISLA224S Datasheet HTML 5Page - Intersil Corporation ISLA224S Datasheet HTML 6Page - Intersil Corporation ISLA224S Datasheet HTML 7Page - Intersil Corporation ISLA224S Datasheet HTML 8Page - Intersil Corporation ISLA224S Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
ISLA224S
3
FN7911.0
December 20, 2011
Pin Descriptions
PIN NUMBER
NAME
FUNCTION
2, 11, 14, 15, 46
AVDD
1.8V Analog Supply
12, 20, 47, 48
DNC
Do Not Connect
3, 6, 7, 10
AVSS
Analog Ground
4, 5
BINP, BINN
B-Channel Analog Input Positive, Negative
8, 9
AINN, AINP
A-Channel Analog Input Negative, Positive
1
VCM
Common Mode Output
44
CLKDIV
Clock Divider Control
16, 17
CLKP, CLKN
Clock Input True, Complement
45
NAPSLP
Power Control (Nap, Sleep modes)
13
RESETN
Power On Reset (Active Low)
26, 29, 32, 35, 37, 38
OVSS
Output Ground
25, 36, 39
OVDD
1.8V Digital Supply
22, 24
OVDD (PLL)
1.8V Analog Supply for SERDES PLL
21, 23
OVSS (PLL)
Analog Ground Supply for SERDES PLL
18, 19
SYNCP, SYNCN
JESD204A SYNC Input
27, 28
LANE0P, LANE0N
SERDES Lane 0
30, 31
LANE1P, LANE1N
SERDES Lane 1
33, 34
LANE2P, LANE2N
SERDES Lane 2
40
SDO
SPI Serial Data Output
41
CSB
SPI Chip Select (active low)
42
SCLK
SPI Clock
43
SDIO
SPI Serial Data Input/Output
PAD
AVSS
Exposed Paddle. Analog Ground (connect to AVSS)
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISLA224S25IR1Z
ISLA224S25 IR1Z
-40 to +85
48 Ld QFN
L48.7x7G
ISLA224S20IR1Z
ISLA224S20 IR1Z
-40 to +85
48 Ld QFN
L48.7x7G
Coming Soon
ISLA224S17IR1Z
ISLA224S17 IR1Z
-40 to +85
48 Ld QFN
L48.7x7G
Coming Soon
ISLA224S12IR1Z
ISLA224S12 IR1Z
-40 to +85
48 Ld QFN
L48.7x7G
Coming Soon
ISLA224S25IR48EV1Z
Evaluation Board
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate-e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For Moisture Sensitivity Level (MSL), please see device information page for ISLA224S12, ISLA224S20, ISLA224S25. For more information on MSL
please see techbrief TB363.


Número de pieza similar - ISLA224S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
ISLA224S12 INTERSIL-ISLA224S12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S12 RENESAS-ISLA224S12 Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S12 RENESAS-ISLA224S12 Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results

Descripción similar - ISLA224S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com