Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS6001BIG325TP Datasheet(PDF) 7 Page - Touchstone Semiconductor Inc

No. de pieza TS6001BIG325TP
Descripción Electrónicos  A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOUCHSTONE [Touchstone Semiconductor Inc]
Página de inicio  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS6001BIG325TP Datasheet(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TS6001BIG325TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 11Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TS6001
TS6001DS r1p0
Page 7
RTFDS
PIN FUNCTIONS
PIN
NAME
FUNCTION
1
IN
Supply Voltage Input
2
OUT
+2.5V Output
3
GND
Ground
DESCRIPTION/THEORY OF OPERATION
The
TS6001
incorporates
a
precision
1.25-V
bandgap reference that is followed by an output
amplifier configured to amplify the base bandgap
output voltage to a 2.5-V output. The design of the
bandgap reference incorporates proprietary circuit
design techniques to achieve its low temperature
coefficient of 7ppm/°C and initial output voltage
accuracy less than 0.08%. The design of the output
amplifier’s frequency compensation does not require
a separate compensation capacitor and is stable
with capacitive loads up to 2200pF. The design of
the output amplifier also incorporates low headroom
design as it can source and sink load currents to
500μA with a dropout voltage less than 100mV.
APPLICATIONS INFORMATION
Power Supply Input Bypass Capacitance
If there are other analog ICs within 1 to 2 inches of
the TS6001 with their own bypass capacitors to
GND, the TS6001 would not then require its own
bypass capacitor. If this is not the case, then it is
considered good analog circuit engineering practice
to place a 0.1µF ceramic capacitor in as close
proximity to the TS6001 as practical with very short
pcb track lengths.
Output/Load Capacitance Considerations
As mentioned previously, the TS6001 does not
require a separate, external capacitor at VOUT for
transient response stability as it is stable for
capacitive loads up to 2200pF. For improved load
regulation transient response, the use of a capacitor
at
VOUT
helps
to
reduce
output
voltage
overshoot/undershoot
to
transient
load
current
conditions.
Figure 1 illustrates the TS6001’s
transient load regulation performance with CLOAD =
0pF to a 50-µA transient upon a 175-µA steady-state
load current. Peak transients are approximately
20mV and the TS6001 settles in less than 8µs. As
shown in Figure 2, adding a capacitive load reduces
peak transients at the expense of settling time. In
this case, the TS6001’s output was loaded with
CLOAD = 1000pF and subjected to the same transient
load current profile. Peak transients were reduced to
less than 10mV and the TS6001 settled in less than
10µs.
Figure 2: TS6001 Transient Load Regulation
Response, CLOAD = 1000pF
IOUT = 175µA
→ 225µA → 175µA
Figure 1: TS6001 Transient Load Regulation
Response, CLOAD = 0pF
IOUT = 175µA
→ 225µA → 175µA


Número de pieza similar - TS6001BIG325TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS6001BIG325TP TOUCHSTONE-TS6001BIG325TP Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
More results

Descripción similar - TS6001BIG325TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS6001B TOUCHSTONE-TS6001B Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
logo
Zarlink Semiconductor I...
SR25D ZARLINK-SR25D Datasheet
336Kb / 5P
   2.5V PRECISION VOLTAGE REFERENCE
logo
Analog Devices
REF-03 AD-REF-03 Datasheet
282Kb / 8P
   2.5V Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com