Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5405 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FAN5405
Descripción Electrónicos  FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5405 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5405 Datasheet HTML 2Page - Fairchild Semiconductor FAN5405 Datasheet HTML 3Page - Fairchild Semiconductor FAN5405 Datasheet HTML 4Page - Fairchild Semiconductor FAN5405 Datasheet HTML 5Page - Fairchild Semiconductor FAN5405 Datasheet HTML 6Page - Fairchild Semiconductor FAN5405 Datasheet HTML 7Page - Fairchild Semiconductor FAN5405 Datasheet HTML 8Page - Fairchild Semiconductor FAN5405 Datasheet HTML 9Page - Fairchild Semiconductor FAN5405 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5400 Family • Rev. 1.0.7
6
Electrical Specifications
Unless otherwise specified: according to the circuit of Figure 1; recommended operating temperature range for TJ and TA;
VBUS=5.0V; HZ_MODE; OPA_MODE=0; (Charge Mode); SCL, SDA, OTG=0 or 1.8V; and typical values are for TJ=25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
IVBUS
VBUS Current
VBUS > VBUS(min), PWM Switching
10
mA
VBUS > VBUS(min); PWM Enabled,
Not Switching (Battery OVP
Condition); I_IN Setting=100mA
2.5
mA
0°C < TJ < 85°C, HZ_MODE=1
VBAT < VLOWV, 32S Mode
63
90
A
ILKG
VBAT to VBUS Leakage Current
0°C < TJ < 85°C, HZ_MODE=1,
VBAT=4.2V, VBUS=0V
0.2
5.0
A
IBAT
Battery Discharge Current in High-
Impedance Mode
0°C < TJ < 85°C, HZ_MODE=1,
VBAT=4.2V
20
A
FAN5403-05, DISABLE=1,
0°C < TJ < 85°C, VBAT=4.2V
10
Charger Voltage Regulation
VOREG
Charge Voltage Range
3.5
4.4
V
Charge Voltage Accuracy
TA=25°C
–0.5%
+0.5%
TJ=0 to 125°C
–1%
+1%
Charging Current Regulation
IOCHRG
Output Charge Current Range
VLOWV < VBAT < VOREG
VBUS > VSLP, RSENSE=68m
550
1250
mA
Charge Current Accuracy Across
RSENSE
20mV < VIREG <
40mV
FAN5400-02
95
100
105
%
FAN5403-05
92
97
102
VIREG > 40mV
FAN5400-02
97
100
103
FAN5403-05
94
97
100
Weak Battery Detection
VLOWV
Weak Battery Threshold Range
3.4
3.7
V
Weak Battery Threshold Accuracy
–5
+5
%
Weak Battery Deglitch Time
Rising Voltage, 2mV Overdrive
30
ms
Logic Levels: DISABLE, SDA, SCL, OTG
VIH
High-Level Input Voltage
1.05
V
VIL
Low-Level Input Voltage
0.4
V
IIN
Input Bias Current
Input Tied to GND or VIN
0.01
1.00
A
Charge Termination Detection
I(TERM)
Termination Current Range
VBAT > VOREG – VRCH, VBUS > VSLP,
RSENSE=68m
50
400
mA
Termination Current Accuracy
[VCSIN – VBAT] from 3mV to 20mV
–25
+25
%
[VCSIN – VBAT] from 20mV to 40mV
–5
+5
Termination Current Deglitch Time
2mV Overdrive
30
ms
1.8V Linear Regulator
VREG
1.8V Regulator Output
IREG from 0 to 2mA, FAN5403-05
1.7
1.8
1.9
V
Continued on the following page…


Número de pieza similar - FAN5405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5405 FAIRCHILD-FAN5405 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
FAN5405UCX FAIRCHILD-FAN5405UCX Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
More results

Descripción similar - FAN5405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC811 SEMTECH-SC811 Datasheet
373Kb / 23P
   Adapter/USB Tri-Mode Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com