Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1112D125HN Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza ADC1112D125HN
Descripción Electrónicos  Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC1112D125HN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button ADC1112D125HN Datasheet HTML 6Page - NXP Semiconductors ADC1112D125HN Datasheet HTML 7Page - NXP Semiconductors ADC1112D125HN Datasheet HTML 8Page - NXP Semiconductors ADC1112D125HN Datasheet HTML 9Page - NXP Semiconductors ADC1112D125HN Datasheet HTML 10Page - NXP Semiconductors ADC1112D125HN Datasheet HTML 11Page - NXP Semiconductors ADC1112D125HN Datasheet HTML 12Page - NXP Semiconductors ADC1112D125HN Datasheet HTML 13Page - NXP Semiconductors ADC1112D125HN Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
ADC1112D125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 March 2011
10 of 41
NXP Semiconductors
ADC1112D125
Dual 11-bit ADC: CMOS or LVDS DDR digital outputs
10. Dynamic characteristics
10.1 Dynamic characteristics
[1]
Typical values measured at VDDA =3V, VDDO =1.8 V, Tamb =25 °C; minimum and maximum values are across the full temperature
range Tamb = −40 °Cto +85 °C at VDDA =3 V, VDDO = 1.8 V; VINAP − VINAM = −1 dBFS; VINBP − VINBM = −1 dBFS; internal reference
mode; applied to CMOS and LVDS interface; unless otherwise specified.
Table 7.
Dynamic characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Analog signal processing
α
2H
second harmonic level
fi =3MHz
-
88
-
dBc
fi =30MHz
-
87
-
dBc
fi =70MHz
-
85
-
dBc
fi = 170 MHz
-
83
-
dBc
α
3H
third harmonic level
fi =3MHz
-
87
-
dBc
fi =30MHz
-
86
-
dBc
fi =70MHz
-
84
-
dBc
fi = 170 MHz
-
82
-
dBc
THD
total harmonic distortion
fi =3MHz
-
84
-
dBc
fi =30MHz
-
83
-
dBc
fi =70MHz
-
81
-
dBc
fi = 170 MHz
-
79
-
dBc
ENOB
effective number of bits
fi = 3 MHz
-
10.7
-
bits
fi = 30 MHz
-
10.7
-
bits
fi = 70 MHz
-
10.7
-
bits
fi = 170 MHz
-
10.6
-
bits
SNR
signal-to-noise ratio
fi = 3 MHz
-
66.2
-
dBFS
fi = 30 MHz
-
66.2
-
dBFS
fi = 70 MHz
-
66.0
-
dBFS
fi = 170 MHz
-
65.8
-
dBFS
SFDR
spurious-free dynamic range
fi =3MHz
-
87
-
dBc
fi =30MHz
-
86
-
dBc
fi =70MHz
-
84
-
dBc
fi = 170 MHz
-
82
-
dBc
IMD
Intermodulation distortion
fi =3MHz
-
89
-
dBc
fi =30MHz
-
88
-
dBc
fi =70MHz
-
86
-
dBc
fi = 170 MHz
-
84
-
dBc
α
ct(ch)
channel crosstalk
fi = 70 MHz
-
100
-
dBc


Número de pieza similar - ADC1112D125HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1112D125HN-C1 IDT-ADC1112D125HN-C1 Datasheet
601Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
More results

Descripción similar - ADC1112D125HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ADC1112D125 RENESAS-ADC1112D125 Datasheet
604Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1112D125 IDT-ADC1112D125 Datasheet
601Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
ADC1115S125 IDT-ADC1115S125 Datasheet
373Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1115S125 NXP-ADC1115S125 Datasheet
278Kb / 35P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Renesas Technology Corp
ADC1115S125 RENESAS-ADC1115S125 Datasheet
376Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S125 NXP-ADC1610S125 Datasheet
182Kb / 33P
   Single 16-bit ADC 125 Msps CMOS or LVDS DDR digital outputs
Rev. 01-28 May 2009
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Texas Instruments
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
logo
NXP Semiconductors
ADC1410S065 NXP-ADC1410S065 Datasheet
287Kb / 35P
   Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com