Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCW67A Datasheet(PDF) 4 Page - Siemens Semiconductor Group

No. de pieza BCW67A
Descripción Electrónicos  PNP Silicon AF Transistors (For general AF applications High current gain)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCW67A Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BCW67A Datasheet HTML 1Page - Siemens Semiconductor Group BCW67A Datasheet HTML 2Page - Siemens Semiconductor Group BCW67A Datasheet HTML 3Page - Siemens Semiconductor Group BCW67A Datasheet HTML 4Page - Siemens Semiconductor Group BCW67A Datasheet HTML 5Page - Siemens Semiconductor Group BCW67A Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Semiconductor Group
4
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 10 mA
IC = 500 mA, IB = 50 mA
VCEsat
0.3
0.7
Base-emitter saturation voltage1)
IC = 100 mA, IB = 10 mA
IC = 500 mA, IB = 50 mA
VBEsat
1.25
2
DC characteristics
MHz
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
200
AC characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–6–
Input capacitance
VEB = 0.5 V, f = 1 MHz
Cibo
–60
Unit
Values
Parameter
Symbol
min.
typ.
max.
1)
Pulse test: t
300 µs, D = 2 %.
BCW 67
BCW 68


Número de pieza similar - BCW67A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BCW67A INFINEON-BCW67A Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Diotec Semiconductor
BCW67A DIOTEC-BCW67A Datasheet
182Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Infineon Technologies A...
BCW67A INFINEON-BCW67A Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
logo
Central Semiconductor C...
BCW67A CENTRAL-BCW67A Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Infineon Technologies A...
BCW67A INFINEON-BCW67A Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
More results

Descripción similar - BCW67A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
BCV28 SIEMENS-BCV28 Datasheet
142Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com