Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCX42 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

No. de pieza BCX42
Descripción Electrónicos  PNP Silicon AF and Switching Transistors (For general AF applications High breakdown voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX42 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BCX42 Datasheet HTML 1Page - Siemens Semiconductor Group BCX42 Datasheet HTML 2Page - Siemens Semiconductor Group BCX42 Datasheet HTML 3Page - Siemens Semiconductor Group BCX42 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
BCX 42
BSS 63
Base-emitter saturation voltage
IC = f (VBEsat)
hFE = 10
Collector cutoff current ICB0 = f (TA)
VCB = VCEmax
Collector-emitter saturation voltage
IC = f (VCEsat)
hFE = 10
DC current gain hFE = f (IC)
VCE =1 V


Número de pieza similar - BCX42

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BCX42 INFINEON-BCX42 Datasheet
50Kb / 5P
   PNP Silicon AF an Swiching Transistors
Jul-10-2001
logo
Guangdong Kexin Industr...
BCX42 KEXIN-BCX42 Datasheet
40Kb / 2P
   PNP Silicon AF an Swiching Transistors
logo
Infineon Technologies A...
BCX42 INFINEON-BCX42 Datasheet
76Kb / 7P
   PNP Silicon AF and Switching Transistor
2007-04-27
BCX42E6327 INFINEON-BCX42E6327 Datasheet
531Kb / 7P
   PNP Silicon AF and Switching Transistor
2011-10-04
BCX42 INFINEON-BCX42_07 Datasheet
76Kb / 7P
   PNP Silicon AF and Switching Transistor
2007-04-27
More results

Descripción similar - BCX42

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BCX13 SIEMENS-BCX13 Datasheet
141Kb / 4P
   PNP Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
BCX12 SIEMENS-BCX12 Datasheet
141Kb / 4P
   NPN Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCV28 SIEMENS-BCV28 Datasheet
142Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
BCV26 SIEMENS-BCV26 Datasheet
141Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com