Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCX55-16 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

No. de pieza BCX55-16
Descripción Electrónicos  NPN Silicon AF Transistors (For AF driver and output stages High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX55-16 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BCX55-16 Datasheet HTML 1Page - Siemens Semiconductor Group BCX55-16 Datasheet HTML 2Page - Siemens Semiconductor Group BCX55-16 Datasheet HTML 3Page - Siemens Semiconductor Group BCX55-16 Datasheet HTML 4Page - Siemens Semiconductor Group BCX55-16 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCX 54 … BCX 56
Semiconductor Group
3
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain1)
IC = 5 mA, VCE = 2 V
IC = 150 mA, VCE = 2 V
BCX 54, BCX 55, BCX 56
BCX 54-10, BCX 55-10, BCX 56-10
BCX 54-16, BCX 55-16, BCX 56-16
IC = 500 mA, VCE = 2 V
hFE
25
40
63
100
25
100
160
250
160
250
V
Collector-emitter breakdown voltage
IC = 10 mA
BCX 54
BCX 55
BCX 56
V(BR)CE0
45
60
80
nA
µA
Collector cutoff current
VCB = 30 V
VCB = 30 V, TA = 150 ˚C
ICB0
100
20
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 100
µA
BCX 54
BCX 55
BCX 56
V(BR)CB0
45
60
100
Emitter-base breakdown voltage
IE = 10
µA
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
0.5
Base-emitter voltage1)
IC = 500 mA, VCE = 2 V
VBE
––1
nA
Emitter cutoff current
VEB = 4 V
IEB0
––20
MHz
Transition frequency
IC = 50 mA, VCE = 10 V, f = 20 MHz
fT
100
AC characteristics
1)
Pulse test: t
300 µs, D = 2 %.


Número de pieza similar - BCX55-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BCX55-16 PHILIPS-BCX55-16 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Nexperia B.V. All right...
BCX55-16 NEXPERIA-BCX55-16 Datasheet
1Mb / 22P
   60 V, 1 A NPN medium power transistors
Rev. 8 - 24 October 2011
logo
Infineon Technologies A...
BCX55-16 INFINEON-BCX55-16 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Jul-10-2001
logo
Nexperia B.V. All right...
BCX55-16 NEXPERIA-BCX55-16 Datasheet
241Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
logo
Guangdong Kexin Industr...
BCX55-16 KEXIN-BCX55-16 Datasheet
53Kb / 2P
   NPN Medium Power Transistors
More results

Descripción similar - BCX55-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BDP947 SIEMENS-BDP947 Datasheet
40Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com