Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS160808-68NK Datasheet(PDF) 1 Page - Bourns Electronic Solutions

No. de pieza CS160808-68NK
Descripción Electrónicos  Coaxial Port - ESD Protection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CS160808-68NK Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CS160808-68NK Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VHF/UHF
Coaxial Port - ESD Protection
RF in,
50 Ohm
RF out
RF
CG0402MLU-12G
The schematic above illustrates the application protection and does not constitute the complete
circuit design. Customers should verify actual device performance in their specific applications.
CG0402MLU-12G
COPYRIGHT© 2011 • BOURNS, INC. • 8/11 • e/CPK1028 • “PortNote”is a registered service mark of Bourns, Inc.
“Bourns”and“ChipGuard”are registered trademarks of Bourns, Inc. in the U.S. and other countries.
Solution Products
CS160808-68NK
Multilayer Chip Inductor
Companion Products
PN-DESIGNKIT 5
Design Kit
Asia-Pacific: Tel +886-2 256 241 17
Fax +886-2 256 241 16
Bourns® PortNote® solutions provide protection
recommendations for typical port threats.
For more information, go to:
www.bourns.com
or email: protection@bourns.com
Americas: Tel +1-951 781-5500
Fax +1-951 781-5700
Europe: Tel +41-(0)41 768 55 55
Fax +41-(0)41 768 55 10
Compliance
IEC 61000-4-2 Level 4 (8 kV / 15 kV)
Benefit
This solution provides ESD protection without
impairing VHF and UHF signals.
Objective
This solution is designed to protect RF ports
under 12 Vp-p in the VHF and UHF
(30 MHz – 3000 MHz) from ESD events.
Solution
1 ChipGuard® Device: CG0402MLU-12G


Número de pieza similar - CS160808-68NK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CS160808-68NK BOURNS-CS160808-68NK Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808-68NK BOURNS-CS160808-68NK Datasheet
216Kb / 2P
   Ferrite Multi-Layer Chip Inductors
More results

Descripción similar - CS160808-68NK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CG0402MLU-12G ETC2-CG0402MLU-12G_12 Datasheet
217Kb / 1P
   Coaxial Port - ESD Protection
logo
Vishay Siliconix
VBUS54CV-HSF VISHAY-VBUS54CV-HSF Datasheet
173Kb / 7P
   4-Line BUS-Port ESD Protection
Rev. 1.2, 03-May-17
VBUS054B-HS3 VISHAY-VBUS054B-HS3 Datasheet
309Kb / 9P
   4-Line BUS-port ESD-protection
Rev. 1.4, 07-Oct-08
VBUS54DD-HS4 VISHAY-VBUS54DD-HS4 Datasheet
131Kb / 5P
   4-Line BUS-port ESD-protection
Rev. 1.0, 18-Apr-11
VBUS54DDHS4 VISHAY-VBUS54DDHS4 Datasheet
152Kb / 6P
   4-Line BUS-Port ESD Protection
Rev. 1.5, 04-Jan-2019
VBUS54CV-HSF VISHAY-VBUS54CV-HSF_V01 Datasheet
180Kb / 7P
   4-Line BUS-Port ESD Protection
01-Jan-2022
VBUS054CV-HS3 VISHAY-VBUS054CV-HS3 Datasheet
280Kb / 7P
   4-Line BUS-Port ESD-Protection
Rev. 1.1, 04-Sep-08
VBUS054B-HSF VISHAY-VBUS054B-HSF_V01 Datasheet
197Kb / 9P
   4-Line BUS-Port ESD Protection
01-Jan-2022
VBUS054D-HF4 VISHAY-VBUS054D-HF4 Datasheet
127Kb / 6P
   4-Line BUS-Port ESD Protection
Rev. 1.8, 04-Jan-2019
VBUS054CV-06S VISHAY-VBUS054CV-06S Datasheet
122Kb / 6P
   4-Line BUS-Port ESD-Protection
Rev. 1.1, 28-May-10
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com