Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS20XXC_1110 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS20XXC_1110
Descripción Electrónicos  Current-Limited, Power-Distribution Switches
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS20XXC_1110 Datasheet(HTML) 5 Page - Texas Instruments

  TPS20XXC_1110 Datasheet HTML 1Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 2Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 3Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 4Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 5Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 6Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 7Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 8Page - Texas Instruments TPS20XXC_1110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
t
R
t
F
10%
90%
V
OUT
OUT
R
L
C
L
V
/EN
V
OUT
t
ON
t
OFF
50%
90%
10%
50%
V
EN
V
OUT
50%
t
ON
t
OFF
50%
90%
10%
I
OUT
120% x I
OS
I
OS
t
IOS
0 A
IOUT
IOS
Decreasing
Load
Resistance
VIN
0 A
0 V
Slope = -RDS(ON)
TPS20xxC
www.ti.com
SLVSAU6C
– JUNE 2011 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS:
–40°C ≤ T
J ≤ 125°C (continued)
Unless otherwise noted:4.5 V
≤ VIN ≤ 5.5 V, VEN = VIN or VEN = GND, IOUT = 0 A, typical values are at 5 V and 25°C. See the
DEVICE INFORMATION table for the rated current of each part number.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
FLT
Output low voltage, FLT
IFLT = 1 mA
0.2
V
Off-state leakage
VFLT = 5.5 V
1
µA
tFLT
FLT deglitch
FLT assertion/deassertion deglitch
6
9
12
ms
OUTPUT DISCHARGE
VIN = 4 V, VOUT = 5.0 V, disabled
350
560
1200
RPD
Output pull-down resistance
VIN = 5 V, VOUT = 5.0 V, disabled
300
470
800
THERMAL SHUTDOWN
In current limit
135
Rising threshold (TJ)
Not in current limit
155
°C
Hysteresis (4)
20
(4)
These parameters are provided for reference only, and do not constitute part of TI
's published device specifications for purposes of TI's
product warranty.
Figure 2. Output Rise / Fall Test Load
Figure 3. Power-On and Off Timing
Figure 4. Enable Timing, Active High Enable
Figure 5. Enable Timing, Active Low Enable
Figure 6. Output Short Circuit Parameters
Figure 7. Output Characteristic Showing Current Limit
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS20xxC


Número de pieza similar - TPS20XXC_1110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS20XXC TI1-TPS20XXC Datasheet
1Mb / 26P
[Old version datasheet]   Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
More results

Descripción similar - TPS20XXC_1110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com