Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KFB1 Datasheet(PDF) 1 Page - Schurter Inc.

No. de pieza KFB1
Descripción Electrónicos  EU Power Supply Cord with IEC Connector C13, V-Lock, straight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KFB1 Datasheet(HTML) 1 Page - Schurter Inc.

  KFB1 Datasheet HTML 1Page - Schurter Inc. KFB1 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Cord Sets
605.2083
www.schurter.com/pg07_2
Connectors
EU Power Supply Cord with IEC Connector C13, V-Lock, straight
C13
70° C
CEE 7 / VII
Description
-PowerCord,ProtectionclassI,Pintemperature70°C,
-withV-Lockinterlockingsystem
References
Weblinks
pdf,html,GeneralProductInformation,Approvals,RoHS,CHINA-RoHS,
MatingConnectors,e-Store,SCHURTER-Stock-Check,Distributor-
Stock-Check,Accessories
Technical Data
RatingsUL/CSA
10A/250VAC;50/60Hz
DielectricStrength
>2kVDCbetweenL-N
>2kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto75°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
moulded
Material:Housing
PVC,black
Connector
C13acc.toIEC/EN60320-2-2
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Variants
Connector
cable
inlets
Order Number
Type
V-Lock
Cord Type
Color
Length [m]
Type
Country Standard
Conductor cross
section
Style
Index
C13
l
H05VV-
F3G1.0
black
3.0
Europlug
EU
CEE 7 / VII
3 x 1 mm²
Straight
-
6051.2083
Mating Inlets/Plugs
Category / Description
Appliance InletOverview complete
IEC Appliance Inlet C14, Snap-in Mounting, Solder, Quick-connect, Screw or PCB Terminal
6010
IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
6061
IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect or Screw Terminal
6062
IEC Appliance Inlet C14, insert Mounting, Solder or Quick-connect, PCB or Screw Terminal
6170
IEC Appliance Inlet C14 or C18, Screw-on Mounting, Rear Side, PCB- or Solder Terminal
GSP1
Appliance Inletfurther types toVAC13KS
...
Power Entry ModuleOverview complete
IEC Appliance Inlet C14 with Fuseholder 2-pole
4707
IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
DC11
IEC Appliance Inlet C14 with recessed Circuit Breaker TA45
DF11
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD
IEC Appliance Inlet C14 with Line Switch 2-pole
KEB2
Power Entry Modulefurther types toVAC13KS
...


Número de pieza similar - KFB1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
KFB1 SCHURTER-KFB1 Datasheet
465Kb / 3P
   IEC Appliance Inlet C14 with Filter, Line Switch 1-pole
KFB1 SCHURTER-KFB1 Datasheet
383Kb / 2P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
KFB1 SCHURTER-KFB1 Datasheet
379Kb / 2P
   EU Power Supply Cord with IEC Connector C13, V-Lock, straight
KFB1 SCHURTER-KFB1 Datasheet
380Kb / 2P
   IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
KFB1 SCHURTER-KFB1 Datasheet
383Kb / 2P
   IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
More results

Descripción similar - KFB1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
6051.2003 SCHURTER-6051.2003 Datasheet
436Kb / 2P
   EU Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2183 SCHURTER-6051.2183 Datasheet
306Kb / 3P
   EU Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2003 SCHURTER-6051.2003_18 Datasheet
305Kb / 3P
   EU Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2063 SCHURTER-6051.2063 Datasheet
243Kb / 3P
   EU Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2063 SCHURTER-6051.2063_V01 Datasheet
366Kb / 3P
   EU Power Supply Cord with IEC Connector C13, V-Lock, straight
2003 SCHURTER-2003 Datasheet
379Kb / 2P
   EU Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2093 SCHURTER-6051.2093 Datasheet
304Kb / 3P
   EU Power Supply Cord with IEC Connector C13, V-Lock
6051.2153 SCHURTER-6051.2153 Datasheet
305Kb / 3P
   EU Power Supply Cord with IEC Connector C13, V-Lock
6051.2154 SCHURTER-6051.2154 Datasheet
304Kb / 3P
   EU Power Supply Cord with IEC Connector C13, V-Lock
6051.2153 SCHURTER-6051.2153_V01 Datasheet
429Kb / 3P
   EU Power Supply Cord with IEC Connector C13, V-Lock
16.09.2021
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com