Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF771W Datasheet(PDF) 3 Page - Siemens Semiconductor Group

No. de pieza BF771W
Descripción Electrónicos  NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF771W Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BF771W Datasheet HTML 1Page - Siemens Semiconductor Group BF771W Datasheet HTML 2Page - Siemens Semiconductor Group BF771W Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semiconductor Group
3
Dec-11-1996
BF 771W
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 8 V, f = 500 MHz
fT
6
8
-
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
0.74
0.1
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
-
0.28
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
1.8
-
Noise figure
IC = 10 mA, VCE = 8 V, ZS = ZSopt
f = 900 MHz
f = 1.8 GHz
F
-
-
2.1
1.3
-
-
dB
Power gain
2)
IC = 30 mA, VCE = 8 V, ZS = ZSopt
ZL = ZLopt
f = 900 MHz
f = 1.8 GHz
Gma
-
-
10
15.5
-
-
Transducer gain
IC = 30 mA, VCE = 8 V, ZS =ZL= 50 Ω
f = 900 MHz
f = 1.8 GHz
|
S21e|2
-
-
7.5
13.5
-
-
2)
Gma = |S21/S12| (k-(k2-1)1/2)


Número de pieza similar - BF771W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
More results

Descripción similar - BF771W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BF771 SIEMENS-BF771 Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
BF770A SIEMENS-BF770A Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For IF amplifiers in TV-sat tuners and for VCR modulators)
BF775A SIEMENS-BF775A Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for amplifiers and TV-sat tuners)
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
   NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
   Prescaler IC for TV and VCR tuners
logo
Siemens Semiconductor G...
BF772 SIEMENS-BF772 Datasheet
22Kb / 3P
   NPN Silicon RF Transistor (For application in TV-sat tuners)
BF775W SIEMENS-BF775W Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for TV-sat and UHF tuners)
BF775 SIEMENS-BF775 Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for TV-sat and UHF tuners)
logo
NXP Semiconductors
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com