Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ36A Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

No. de pieza SMAJ36A
Descripción Electrónicos  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMAJ36A Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  SMAJ36A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMAJ36A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMAJ36A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMAJ36A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMAJ36A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0239
Rev. 1.0, 22-Sep-11
www.21yangjie.com
SMAJ SERIES
■电性参数 (TA =25℃ 除非另有规定)
Electrical Characteristics (TA =25
unless otherwise noted)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
产品型号
(单向)
Part
Number(Uni)
产品型号
(双向)
Part
Number(Bi)
最小
Min(V)
最大
Max (V)
测试电
IT
(1)(mA)
最大反向漏电
IR @VWM
Maximum
Reverse
Leakage IR
(3)
(μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(2)
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
SMAJ22
SMAJ22C
24.4
29.8
1.0
1.0
22
10.2
39.4
SMAJ22A
SMAJ22CA
24.4
26.9
1.0
1.0
22
11.3
35.5
SMAJ24
SMAJ24C
26.7
32.6
1.0
1.0
24
9.3
43.0
SMAJ24A
SMAJ24CA
26.7
29.5
1.0
1.0
24
10.3
38.9
SMAJ26
SMAJ26C
28.9
35.3
1.0
1.0
26
8.6
46.6
SMAJ26A
SMAJ26CA
28.9
31.9
1.0
1.0
26
9.5
42.1
SMAJ28
SMAJ28C
31.1
38.0
1.0
1.0
28
8.0
50.0
SMAJ28A
SMAJ28CA
31.1
34.4
1.0
1.0
28
8.8
45.4
SMAJ30
SMAJ30C
33.3
40.7
1.0
1.0
30
7.5
53.5
SMAJ30A
SMAJ30CA
33.3
36.8
1.0
1.0
30
8.3
48.4
SMAJ33
SMAJ33C
36.7
44.9
1.0
1.0
33
6.8
59.0
SMAJ33A
SMAJ33CA
36.7
40.6
1.0
1.0
33
7.5
53.3
SMAJ36
SMAJ36C
40.0
48.9
1.0
1.0
36
6.2
64.3
SMAJ36A
SMAJ36CA
40.0
44.2
1.0
1.0
36
6.9
58.1
SMAJ40
SMAJ40C
44.4
54.3
1.0
1.0
40
5.6
71.4
SMAJ40A
SMAJ40CA
44.4
49.1
1.0
1.0
40
6.2
64.5
SMAJ43
SMAJ43C
47.8
58.4
1.0
1.0
43
5.2
76.7
SMAJ43A
SMAJ43CA
47.8
52.8
1.0
1.0
43
5.8
69.4
SMAJ45
SMAJ45C
50.0
61.1
1.0
1.0
45
5.0
80.3
SMAJ45A
SMAJ45CA
50.0
55.3
1.0
1.0
45
5.5
72.7
SMAJ48
SMAJ48C
53.3
65.1
1.0
1.0
48
4.7
85.5
SMAJ48A
SMAJ48CA
53.3
58.9
1.0
1.0
48
5.2
77.4
SMAJ51
SMAJ51C
56.7
69.3
1.0
1.0
51
4.4
91.1
SMAJ51A
SMAJ51CA
56.7
62.7
1.0
1.0
51
4.9
82.4
SMAJ54
SMAJ54C
60.0
73.3
1.0
1.0
54
4.2
96.3
SMAJ54A
SMAJ54CA
60.0
66.3
1.0
1.0
54
4.6
87.1
SMAJ58
SMAJ58C
64.4
78.7
1.0
1.0
58
3.9
103
SMAJ58A
SMAJ58CA
64.4
71.2
1.0
1.0
58
4.3
93.6
SMAJ60
SMAJ60C
66.7
81.5
1.0
1.0
60
3.7
107
SMAJ60A
SMAJ60CA
66.7
73.7
1.0
1.0
60
4.1
96.8
SMAJ64
SMAJ64C
71.1
86.9
1.0
1.0
64
3.5
114
SMAJ64A
SMAJ64CA
71.1
78.6
1.0
1.0
64
3.9
103
SMAJ70
SMAJ70C
77.8
95.1
1.0
1.0
70
3.2
125
SMAJ70A
SMAJ70CA
77.8
86.0
1.0
1.0
70
3.5
113
SMAJ75
SMAJ75C
83.3
102
1.0
1.0
75
3.0
134
SMAJ75A
SMAJ75CA
83.3
92.1
1.0
1.0
75
3.3
121


Número de pieza similar - SMAJ36A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MERITEK ELECTRONICS COR...
SMAJ36A MERITEK-SMAJ36A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Yangzhou yangjie electr...
SMAJ36A YANGJIE-SMAJ36A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Shanghai Leiditech Elec...
SMAJ36A LEIDITECH-SMAJ36A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Jinan Gude Electronic D...
SMAJ36A JGD-SMAJ36A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMAJ36A VISHAY-SMAJ36A Datasheet
100Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
More results

Descripción similar - SMAJ36A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com