Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC807-40 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza BC807-40
Descripción Electrónicos  0.3 Walts, PNP Plastic-Encasulate Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC807-40 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BC807-40 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC807-40 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC807-16/-25/40
0.3 Walts, PNP Plastic-Encasulate Transistor
Epitaxial planar die construction
For switching, AF driver and amplifier applications
Complementary NPN type available (BC817)
Qualified to AEC-Q10 standards for high reliability
Min
Max
Min
Max
2.80
3.00
0.110
0.118
1.20
1.40
0.047
0.055
Case : SOT- 23, Molded plastic
0.30
0.50
0.012
0.020
1.80
2.00
0.071
0.079
2.25
2.55
0.089
0.100
0.90
1.20
0.035
0.047
0.08
0.19
0.003
0.007
Part No.
Packing
Code
Package
Packing
BC807-16/-25/-40
RF
SOT-23 3K / 7" Reel
BC807-16/-25/-40
RFG
SOT-23 3K / 7" Reel
IC= -10μAIE=0
IC= -10mA
IB=0
Power dissipation
IE= -1μAIC=0
VCB= -45V
IE=0
VCB= -40V
IB=0
VEB= -4V
IC=0
IC= -500mA
IB=50mA
IC= -500mA
IB=50mA
VCE= -5V IC= -10mA
f=100MHz
807-16
807-25
VCE= -1V
IC= -100mA
807-40
Notes: 1.The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary despending on application.
0.3
-0.2
-0.1
W
μA
μA
DC current gain
Min
Max
100
160
250
250
400
600
°C
Type Number
Symbol
Units
Junction Temperature
Storage Temperature Range
TSTG
-55 to + 150
Collector Cut-off Current
Emittor Cut-off Current
PD
ICEO
IEBO
Maximum Ratings
-5
-0.1
-0.7
-1.2
100
150
TJ
hFE(1)
V
μA
V
V
MHz
°C
vEBO
VCE(sat)
VBE(sat)
Transition frequency
fT
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Collector current - continuous
Emitter-Base breakdown voltage
Collector Cut-off Current
Base-Emitter saturation voltage
Collector-Emitter saturation voltage
IC
-0.5
A
VCEO
45
V
ICBO
VCBO
-50
V
Type Number
Symbol
Units
BC807-16
BC807-25
BC807-40
SOT-23
Ideally suited for automatic insertion
Terminals: Solderable per MIL-STD-202, Method 208
Unit (mm)
Unit (inch)
Dimensions
Suggested PAD Layout
Lead free plating
A
0.550 REF
0.022 REF
H
Rating at 25°C ambient temperature unless otherwise specified.
Marking: -16: 5A, -25: 5B, -40: 5C
Weight: 0.008 grams (approximate)
Features
Mechanical Data
Ordering Information
Mosture sensitivity: Level 1 per J-STD-020C
Case material: Molded plastic. UL flammability
classification rating 94V-0
B
C
D
G
F
E
2.0
0.079
0.95
0.037
0.9
0.035
0.8
0.031
A
B
C
D
F
E
G
H
Version : C10


Número de pieza similar - BC807-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC807-40 PHILIPS-BC807-40 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
General Semiconductor
BC807-40 GE-BC807-40 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
Diodes Incorporated
BC807-40 DIODES-BC807-40 Datasheet
311Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 15 - 2
logo
Micro Commercial Compon...
BC807-40 MCC-BC807-40 Datasheet
286Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Transys Electronics
BC807-40 TRSYS-BC807-40 Datasheet
303Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
More results

Descripción similar - BC807-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
BC807-16 TSC-BC807-16_14 Datasheet
153Kb / 5P
   0.3 Watts, PNP Plastic-Encasulate Transistor
BC807 TSC-BC807 Datasheet
221Kb / 3P
   0.3 Watts, PNP Plastic-Encasulate Transistor
BC807-16 TSC-BC807-16 Datasheet
83Kb / 2P
   0.3 Watts PNP Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
logo
Weitron Technology
KSA708 WEITRON-KSA708 Datasheet
74Kb / 2P
   PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BC807-16 SECOS-BC807-16 Datasheet
424Kb / 2P
   PNP Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com