Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBC3150-D9C-TR1 Datasheet(PDF) 11 Page - Cymbet Corporation

No. de pieza CBC3150-D9C-TR1
Descripción Electrónicos  EnerChip CC with Integrated Power Management
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYMBET [Cymbet Corporation]
Página de inicio  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3150-D9C-TR1 Datasheet(HTML) 11 Page - Cymbet Corporation

Back Button CBC3150-D9C-TR1 Datasheet HTML 7Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 8Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 9Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 10Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 11Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 12Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 13Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 14Page - Cymbet Corporation CBC3150-D9C-TR1 Datasheet HTML 15Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
EnerChip CC CBC3150
©2009-2010 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-03 Rev C
Page 11 of 15
To determine the backup switchover hysteresis for Mode 2 operation, use Figure 9.
Figure 8: Mode 2 Resistor Selection Graph
Figure 9: Mode 2 Hysteresis as a Function of R2/R1
Battery Switchover Threshold Voltage vs. R2/R1
Ratio
0
1
2
3
4
5
6
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1
R2/R1 Ratio
Trip point
Hysteresis in Battery Switchover Threshold
Voltage vs. R2/R1 Ratio
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1 1.1
R2/R1 Ratio
Hysteresis
EnerChip charging and backup power switchover threshold for 2.5 to 5.5 volt operation is selected by changing
the value of R2 (see Figure 7). To determine the backup switchover point, set the value of R1 to 200kΩ and
choose the value of R2 according to Figure 8. For example, to set a 3.0V trip point: If R1=200 kΩ then R2 = R1
x 0.72 = 144kΩ. Figure 7 shows a Mode 2 circuit with standard value resistors of 200kΩ and 143kΩ.


Número de pieza similar - CBC3150-D9C-TR1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cymbet Corporation
CBC3150-D9C-TR1 CYMBET-CBC3150-D9C-TR1 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
CBC3150-D9C-TR1 CYMBET-CBC3150-D9C-TR1 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
CBC3150-D9C-TR1 CYMBET-CBC3150-D9C-TR1 Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
CBC3150-D9C-TR1 CYMBET-CBC3150-D9C-TR1 Datasheet
229Kb / 3P
   Capacitance to EnerChip Battery Charge Conversion Guide
CBC3150-D9C-TR1 CYMBET-CBC3150-D9C-TR1 Datasheet
2Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results

Descripción similar - CBC3150-D9C-TR1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cymbet Corporation
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
DS-72-21 CYMBET-DS-72-21 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC3112 CYMBET-CBC3112 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
DS-72-04 CYMBET-DS-72-04 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3150 CYMBET-CBC3150 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
CBC3112-D7C CYMBET-CBC3112-D7C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
   EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com