Nombre de pieza
         Descripción
BFG135A

 NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications) ( 6 Page)


SIEMENS
100% 
Zoom Out Zoom In
   
 6 page
background image
Semiconductor Group
6
Dec-16-1996
BFG 135A
Power Gain
Gma, Gms = f(VCE):_____
|
S21|2 = f(VCE):---------
f = Parameter
0
2
4
6
8
V
12
V
CE
0
1
2
3
4
5
6
7
8
9
10
11
12
13
dB
15
G
0.9GHz
1.8GHz
0.9GHz
I
C=100mA
Intermodulation Intercept Point
IP3=f(IC)
(3rd order, Output,
ZS=ZL=50Ω)
VCE = Parameter, f = 900MHz
0
20
40
60
80
100
120
mA
160
I
C
10
15
20
25
30
35
dBm
45
IP
3
10V
8V
5V
3V
2V
1V
Power Gain
Gma, Gms = f(f)
VCE = Parameter
0.0
0.5
1.0
1.5
2.0
2.5
GHz
3.5
f
0
5
10
15
20
dB
30
G
10V
2V
1V
0.7V
I
C=100mA
Power Gain |
S21|2= f(f)
VCE = Parameter
0.0
0.5
1.0
1.5
2.0
GHz
3.0
f
-5
0
5
10
15
20
dB
30
S
21
10V
2V
1V
0.7
I
C=100mA
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BFG235NPN Silicon RF Transistor For low-distortion broadband output amplifier stages in antenna and telecommunications 1 2 3 4 5 MoreSiemens Semiconductor Group
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BFQ73SNPN SILICON RF TRANSISTOR FOR LOW-NOISE LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ70NPN Silicon RF Transistor For low-noise IF and broadband amplifiers in antenna and telecommunications systems at collector currents from 2mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP196NPN Silicon RF Transistor For low noise low distortion broadband amplifiers in antenna and telecommunications 1 2 3 4 5 MoreSiemens Semiconductor Group
BFX55NPN SILICON TRANSISTOR FOR VHF OUTPUT STAGES IN BROADBAND AMPLIFIERS 1 2 3 4 5 Siemens Semiconductor Group
BCP72MPNP Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BF959NPN Silicon RF Transistor For SAW filter driver applications in TV tuners For linear broadband VHF amplifier stages 1 2 3 Siemens Semiconductor Group
BFN20NPN Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFG196NPN Silicon RF Transistor For low noise low distortion broadband amplifiers in antenna and telecommunications 1 2 3 4 5 MoreSiemens Semiconductor Group

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl