Nombre de pieza
         Descripción
BFG135A

 NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications) ( 6 Page)


SIEMENS
100% 
Zoom Out Zoom In
   
 4 page
background image
Semiconductor Group
4
Dec-16-1996
BFG 135A
Total power dissipation
Ptot = f (TA*, TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C 150
T
A,TS
0
100
200
300
400
500
600
700
800
900
1000
mW
1200
P
tot
T
S
T
A
Permissible Pulse Load
RthJS = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
K/W
R
thJS
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
Ptotmax/PtotDC = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
-
P
totmax/PtotDC
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BFG235NPN Silicon RF Transistor For low-distortion broadband output amplifier stages in antenna and telecommunications 1 2 3 4 5 MoreSiemens Semiconductor Group
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BFQ73SNPN SILICON RF TRANSISTOR FOR LOW-NOISE LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ70NPN Silicon RF Transistor For low-noise IF and broadband amplifiers in antenna and telecommunications systems at collector currents from 2mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP196NPN Silicon RF Transistor For low noise low distortion broadband amplifiers in antenna and telecommunications 1 2 3 4 5 MoreSiemens Semiconductor Group
BFX55NPN SILICON TRANSISTOR FOR VHF OUTPUT STAGES IN BROADBAND AMPLIFIERS 1 2 3 4 5 Siemens Semiconductor Group
BCP72MPNP Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BF959NPN Silicon RF Transistor For SAW filter driver applications in TV tuners For linear broadband VHF amplifier stages 1 2 3 Siemens Semiconductor Group
BFN20NPN Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFG196NPN Silicon RF Transistor For low noise low distortion broadband amplifiers in antenna and telecommunications 1 2 3 4 5 MoreSiemens Semiconductor Group

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl