Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF820 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

No. de pieza BF820
Descripción Electrónicos  TRANSISTOR (NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Página de inicio  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

BF820 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  BF820 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BF820 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low current (max.50 mA)
High voltage (max.300V)
Telephony and professional communication equipment.
MARKING: BF820:1V, BF822: 1X
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
BF820
BF822
300
250
V
VCEO
Collector-Emitter Voltage
BF820
BF822
300
250
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
50
mA
PC
Collector Power Dissipation
0.25
W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA, IE=0
BF820
BF822
300
250
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
BF820
BF822
300
250
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=200V,IE=0
0.01
μA
Emitter cut-off current
IEBO
VEB= 5V,IC=0
0.05
μA
DC current gain
hFE
VCE= 20V,IC=25mA
50
Collector-emitter saturation voltage
VCE(sat)
IC=30mA,IB= 5mA
0.6
V
Transition frequency
fT
VCE=10V, IC= 10mA,f=100MHz
60
MHz
Collector output capacitance
Cob
VCB=30V,IE=0,f=1MHz
1.6
pF
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
BF8 20/ BF8 22
TRANSISTOR (NPN)
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Número de pieza similar - BF820

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF820 PHILIPS-BF820 Datasheet
41Kb / 8P
   NPN high-voltage transistors
1999 Apr 15
logo
Jiangsu Changjiang Elec...
BF820 JIANGSU-BF820 Datasheet
590Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
logo
General Semiconductor
BF820 GE-BF820 Datasheet
49Kb / 2P
   Small Signal Transistors (NPN)
logo
Nexperia B.V. All right...
BF820 NEXPERIA-BF820 Datasheet
205Kb / 7P
   NPN high voltage transistor
1 January 2023
logo
Diotec Semiconductor
BF820 DIOTEC-BF820 Datasheet
169Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Descripción similar - BF820

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com