Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES2A Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

No. de pieza ES2A
Descripción Electrónicos  Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 2.0 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DACHANG [Rugao Dachang Electronics Co., Ltd]
Página de inicio  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

ES2A Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  ES2A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd ES2A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES2A ES2B ES2C ES2D ES2E ES2G ES2J
600
50
100
150
200
300
400
50
100
150
200
300
400
600
35
70
105
140
210
280
420
75
50
2.0
5.0
25
ES2A ...... ES2J
表面安装超快速整流二极管
反向电压
50 --- 600V
正向电流
2.0 A
SIYU R
V
μA
pF
IR
Cj
最大正向电压
IF = 2.0A
最大反向电流
TA= 25℃
典型结电容
VR = 4.0V, f = 1MHz
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻 Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Reverse Voltage 50 to 600 V
Forward Current 2.0 A
Operating junction and storage temperature range
Tj, TSTG
RθJA
ES2A ES2B ES2C ES2D ES2E ES2G ES2J
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
nS
trr
MAX. Reverse Recovery Time
35
0.95
1.25
1.7
Surface Mount Super Fast Recover Rectifiers
大昌电子
DACHANG ELECTRONICS
TA= 100℃
100
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒 seconds at terminals
机械数据 Mechanical Data
·端子
: 焊料被镀 Terminals: Solder plated
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
·封装
: 塑料封装 Case: Molded plastic body
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
SMB
.155(3.94)
.130(3.30)
.083(2.11)
.075(1.91)
.185(4.70)
.160(4.06)
.012(0.305)
.006(0.152)
.220(5.59)
.200(5.08)
.050(1.27)
.030(0.76)
Unit:inch(mm)
.096(2.44)
.083(2.13)
.008(0.203)
.002(0.051)


Número de pieza similar - ES2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A Datasheet
226Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Formosa MS
ES2A FORMOSA-ES2A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Guangdong Kexin Industr...
ES2A KEXIN-ES2A Datasheet
590Kb / 2P
   Rectifier Diodes
logo
Taiwan Semiconductor Co...
ES2A TSC-ES2A Datasheet
56Kb / 2P
   2.0 AMPS. Super Fast Surface Mount Rectifiers
More results

Descripción similar - ES2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rugao Dachang Electroni...
ES1AL DACHANG-ES1AL Datasheet
131Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
ES3A DACHANG-ES3A Datasheet
119Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 3.0 A
ES1A DACHANG-ES1A Datasheet
122Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
First Silicon Co., Ltd
ES2A FS-ES2A Datasheet
202Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 2.0 Amperes
logo
Rugao Dachang Electroni...
RS1AL DACHANG-RS1AL Datasheet
129Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
RS1A DACHANG-RS1A Datasheet
119Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
RS3A DACHANG-RS3A Datasheet
118Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA Datasheet
149Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
SF201 GOOD-ARK-SF201_15 Datasheet
194Kb / 2P
   Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
logo
Rugao Dachang Electroni...
RGP30A DACHANG-RGP30A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com