Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5V9885TPFGI Datasheet(PDF) 2 Page - Integrated Device Technology

No. de pieza 5V9885TPFGI
Descripción Electrónicos  3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

5V9885TPFGI Datasheet(HTML) 2 Page - Integrated Device Technology

  5V9885TPFGI Datasheet HTML 1Page - Integrated Device Technology 5V9885TPFGI Datasheet HTML 2Page - Integrated Device Technology 5V9885TPFGI Datasheet HTML 3Page - Integrated Device Technology 5V9885TPFGI Datasheet HTML 4Page - Integrated Device Technology 5V9885TPFGI Datasheet HTML 5Page - Integrated Device Technology 5V9885TPFGI Datasheet HTML 6Page - Integrated Device Technology 5V9885TPFGI Datasheet HTML 7Page - Integrated Device Technology 5V9885TPFGI Datasheet HTML 8Page - Integrated Device Technology 5V9885TPFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT5V9885T
3.3V EEPROMPROGRAMMABLECLOCKGENERATOR
FUNCTIONAL BLOCK DIAGRAM
EEPROM
Control Block for
Multi-Purpose I/O, Programming, Features
OSC.
PLL 0
PLL 1
PLL 2
10-Bit
P2 Divider
10-Bit
P6 Divider
10-Bit
P3 Divider
10-Bit
P4 Divider
10-Bit
P5 Divider
XTALOUT
XTALIN/REFIN
CLKIN
SHUTDOWN/OE
GIN5/CLK_SEL
I C/JTAG
2
/2
/2
OUT1
OUT3
OUT4
OUT4
OUT5
OUT5
OUT2
OUT6
GOUT0/TDO/
LOSS_LOCK
GOUT1/
LOSS_CLKIN
(1)
(1)
(1)
(1)
/2
/2
/2
NOTE:
1. OUT4 and OUT5 pairs can be configured to be LVDS, LVPECL, or two single-ended LVTTL outputs. As LVTTL, OUT4 and OUT5 can be configured to be non-inverting.


Número de pieza similar - 5V9885TPFGI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
5V925BQGI IDT-5V925BQGI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQGI8 IDT-5V925BQGI8 Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQI IDT-5V925BQI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQI8 IDT-5V925BQI8 Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
More results

Descripción similar - 5V9885TPFGI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885B IDT-IDT5V9885B Datasheet
333Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9888 IDT-IDT5V9888 Datasheet
340Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V9885T RENESAS-IDT5V9885T Datasheet
750Kb / 40P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
SEPT. 2011
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com