Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FCT388915T10PY Datasheet(PDF) 1 Page - Integrated Device Technology

No. de pieza 74FCT388915T10PY
Descripción Electrónicos  3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT388915T10PY Datasheet(HTML) 1 Page - Integrated Device Technology

  74FCT388915T10PY Datasheet HTML 1Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 2Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 3Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 4Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 5Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 6Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 7Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 8Page - Integrated Device Technology 74FCT388915T10PY Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
COMMERCIALTEMPERATURERANGE
IDT74FCT388915T
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (3-STATE)
1
OCTOBER
2008
COMMERCIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2004 Integrated Device Technology, Inc.
DSC-4243/7
FEATURES:
• 0.5 MICRON CMOS Technology
• Input frequency range: 10MHz – f2Q Max. spec
(FREQ_SEL = HIGH)
• Max. output frequency: 150MHz
• Pin and function compatible with FCT88915T, MC88915T
• 5 non-inverting outputs, one inverting output, one 2x output,
one ÷2 output; all outputs are TTL-compatible
• 3-State outputs
• Duty cycle distortion < 500ps (max.)
• 32/–16mA drive at CMOS output voltage levels
•VCC = 3.3V ± 0.3V
• Inputs can be driven by 3.3V or 5V components
• Available in 28 pin PLCC and SSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT74FCT388915T
70/100/133/150
3.3V LOW SKEW PLL-BASED
CMOS CLOCK DRIVER
(WITH 3-STATE)
DESCRIPTION:
The FCT388915T uses phase-lock loop technology to lock the fre-
quency and phase of outputs to the input reference clock. It provides low
skew clock distribution for high performance PCs and workstations. One of
the outputs is fed back to the PLL at the FEEDBACK input resulting in
essentially zero delay across the device. The PLL consists of the phase/
frequency detector, charge pump, loop filter and VCO. The VCO is
designed for a 2Q operating frequency range of 40MHz to f2Q Max.
The FCT388915T provides 8 outputs, the
Q5 output is inverted from the
Q outputs. The 2Q runs at twice the Q frequency and Q/2 runs at half the
Q frequency.
The FREQ_SEL control provides an additional ÷ 2 option in the output
path. PLL _EN allows bypassing of the PLL, which is useful in static test
modes. When PLL_EN is low, SYNC input may be used as a test clock. In
this test mode, the input frequency is not limited to the specified range and
the polarity of outputs is complementary to that in normal operation (PLL_EN
= 1). The LOCK output attains logic HIGH when the PLL is in steady-state
phase and frequency lock. When OE/
RST is low, all the outputs are put in
high impedance state and registers at Q,
Q and Q/2 outputs are reset.
The FCT388915T requires one external loop filter component as
recommended in Figure 3.
Phase/Freq.
Detector
M
u
x
0
1
SYNC (0)
FEED BAC K
SYNC (1)
REF_SEL
PLL_EN
Mux
01
Divide
-By-2
(
÷1)
(
÷2)
1
0
M
u
x
Charge Pum p
Voltage
Controlled
Oscilator
OE/RST
FREQ_SEL
2Q
Q0
Q1
Q2
Q3
Q4
Q5
Q/2
R
D
Q
CP
Q
LF
LOCK
R
D
Q
CP
R
D
Q
CP
R
D
Q
CP
R
D
Q
CP
R
D
Q
CP
R
D
Q
CP


Número de pieza similar - 74FCT388915T10PY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
74FCT3807 RENESAS-74FCT3807 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
74FCT3807 RENESAS-74FCT3807 Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
74FCT38072DCGI RENESAS-74FCT38072DCGI Datasheet
218Kb / 6P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
74FCT38072DGGI IDT-74FCT38072DGGI Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
More results

Descripción similar - 74FCT388915T10PY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Integrated Device Techn...
IDT74FCT88915TT IDT-IDT74FCT88915TT Datasheet
140Kb / 11P
   LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com