Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM78L05 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SM78L05
Descripción Electrónicos  Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM78L05 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM78L05 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Elektronische Bauelemente
SM78Lxx Series
Positive Voltage Regulator
06-Jul-2011 Rev. C
Page 1 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen or lead -free
DESCRIPTION
The SM78LXX-B series of positive regulators are
available in the SOT-89 package and with 5V, 6V, 8V, 9V,
10V, 12V, 15V and 18V fixed output voltages, making it
useful in a wide range of applications. These regulators
can provide local on-card regulation, eliminating the
distribution problems associated with single point regulation.
Each type employs internal current limiting, thermal shut-down
and safe operating area protection, making it essentially
indestructible. If adequate heat sinking is provided, they
can deliver over 100mA output current. Although designed
primarily as fixed voltage regulators, these devices can
be used with external components to obtain adjustable
voltages and currents. SM78Lxx is characterized for
operation from 0°C to +125°C.
FEATURES
Internal Short-Circuit Current Limiting
Internal Thermal Overload Protection
No External Components Required
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7 inch
TYPICAL APPLICATION
MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
5V~9V
30
Input Voltage
12V~18V
VIN
35
V
Output Current
IO
100
mA
Operating Junction Temperature Range
TJ
0~125
Storage Temperature Range
Tstg
-55~150
°C
Power Dissipation @ TA=25°C
PD
500
mW
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.25
2.60
K
0.32
0.52
E
1.50
1.85
L
0.35
0.44
F
0.89
1.20


Número de pieza similar - SM78L05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SM78L05 SECOS-SM78L05 Datasheet
361Kb / 5P
   Positive Voltage Regulator
More results

Descripción similar - SM78L05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com