Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9628BCPZRL7-105 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD9628BCPZRL7-105
Descripción Electrónicos  12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9628BCPZRL7-105 Datasheet(HTML) 5 Page - Analog Devices

  AD9628BCPZRL7-105 Datasheet HTML 1Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 2Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 3Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 4Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 5Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 6Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 7Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 8Page - Analog Devices AD9628BCPZRL7-105 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AD9628
Rev. 0 | Page 5 of 44
AD9628-105
AD9628-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
POWER CONSUMPTION
DC Input
Full
129
148
mW
Sine Wave Input (DRVDD = 1.8 V CMOS
Output Mode)1
Full
173
182
201
212
mW
Sine Wave Input (DRVDD = 1.8 V LVDS
Output Mode)1
Full
243
269
mW
Standby Power3
Full
108
120
mW
Power-Down Power
Full
2.0
2.0
mW
1 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2 Input capacitance refers to the effective capacitance between one differential input pin and AGND.
3 Standby power is measured with a dc input and with the CLK± pins active (1.8 V CMOS mode).
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS enabled, unless
otherwise noted.
Table 2.
AD9628-105
AD9628-125
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
f
IN = 9.7 MHz
25°C
71.6
71.5
dBFS
f
IN = 30.5 MHz
25°C
71.6
71.4
dBFS
f
IN = 70 MHz
25°C
71.3
71.2
dBFS
Full
70.6
70.2
dBFS
f
IN = 100 MHz
25°C
71.0
70.9
dBFS
f
IN = 200 MHz
25°C
69.4
69.6
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
f
IN = 9.7 MHz
25°C
71.5
71.4
dBFS
f
IN = 30.5 MHz
25°C
71.5
71.3
dBFS
f
IN = 70 MHz
25°C
71.2
71.1
dBFS
Full
70.5
70
dBFS
f
IN = 100 MHz
25°C
69.9
69.8
dBFS
f
IN = 200 MHz
25°C
68.1
68.3
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
f
IN = 9.7 MHz
25°C
11.6
11.6
Bits
f
IN = 30.5 MHz
25°C
11.6
11.6
Bits
f
IN = 70 MHz
25°C
11.6
11.5
Bits
f
IN = 100 MHz
25°C
11.5
11.3
Bits
f
IN = 200 MHz
25°C
11.0
11.1
Bits
WORST SECOND OR THIRD HARMONIC
f
IN = 9.7 MHz
25°C
−92
−92
dBc
f
IN = 30.5 MHz
25°C
−90
−90
dBc
f
IN = 70 MHz
25°C
−90
−93
dBc
Full
−82
−85
dBc
f
IN = 100 MHz
25°C
−89
−90
dBc
f
IN = 200 MHz
25°C
−83
−84
dBc


Número de pieza similar - AD9628BCPZRL7-105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9628BCPZRL7-105 AD-AD9628BCPZRL7-105 Datasheet
1Mb / 42P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9628BCPZRL7-105 AD-AD9628BCPZRL7-105 Datasheet
1Mb / 43P
   1.8 V Dual Analog-to-Digital Converter
More results

Descripción similar - AD9628BCPZRL7-105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9628 AD-AD9628_15 Datasheet
1Mb / 42P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9627 AD-AD9627 Datasheet
765Kb / 40P
   12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9608 AD-AD9608 Datasheet
1Mb / 40P
   10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com