Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G3157 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74LVC1G3157
Descripción Electrónicos  2-channel analog multiplexer/demultiplexer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G3157 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC1G3157 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 14Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
74LVC1G3157
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 6 December 2011
11 of 25
NXP Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
11.1 Waveforms and test circuits
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 15. Input (Yn or Z) to output (Z or Yn) propagation delays
tPLH
tPHL
VM
VM
VM
VM
GND
VI
VOH
VOL
Yn or Z
input
Z or Yn
output
001aac361
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 16. Enable and disable times
tPLZ
tPHZ
switch
disabled
switch
enabled
switch
enabled
output
LOW to OFF
OFF to LOW
output
HIGH to OFF
OFF to HIGH
S input
Yn
Yn
VI
VOL
VOH
VCC
VM
VM
VX
VY
VM
GND
GND
tPZL
tPZH
001aac362
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
1.65 V to 5.5 V
0.5VCC
0.5VCC
VOL +0.3 V
VOH  0.3 V


Número de pieza similar - 74LVC1G3157

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC1G3157 NXP-74LVC1G3157 Datasheet
121Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 3-16 September 2010
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Nexperia B.V. All right...
74LVC1G3157 NEXPERIA-74LVC1G3157 Datasheet
333Kb / 22P
   10 Ohm single-pole double-throw analog switch
Rev. 10 - 13 April 2023
74LVC1G3157-Q100 NEXPERIA-74LVC1G3157-Q100 Datasheet
280Kb / 18P
   2-channel analog multiplexer/demultiplexer
More results

Descripción similar - 74LVC1G3157

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com