Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4148-P Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza 1N4148-P
Descripción Electrónicos  Small Signal Fast Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4148-P Datasheet(HTML) 1 Page - Vishay Siliconix

  1N4148-P Datasheet HTML 1Page - Vishay Siliconix 1N4148-P Datasheet HTML 2Page - Vishay Siliconix 1N4148-P Datasheet HTML 3Page - Vishay Siliconix 1N4148-P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4148-P
Document Number 81873
Rev. 1.1, 17-Aug-10
Vishay Semiconductors
www.vishay.com
1
94 9367
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Fast Switching Diodes
Features
• Silicon epitaxial planar diodes
• Automotive graded device
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21
definition
• Find
out
more
about
Vishay‘s
Automotive
Grade
Product
requirements
at:
www.vishay.com/applications
Applications
• Extreme fast switches
Mechanical Data
Case: DO-35
Weight: approx. 125 mg
Cathode band color: black
Packaging codes/options:
TR/10 k per 13" reel (52 mm tape), 50 k/box
TAP/10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Type Marking
Remarks
1N4148-P
1N4148-P-TAP or 1N4148-P-TR
V4148
Ammopack/tape and reel
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
100
V
Reverse voltage
VR
75
V
Peak forward surge current
tp = 1 µs
IFSM
2A
Repetitive peak forward current
IFRM
500
mA
Forward continuous current
IF
300
mA
Average forward current
VR = 0
IFAV
150
mA
Power dissipation
l = 4 mm, TL = 45 °C
Ptot
440
mW
l = 4 mm, TL ≤ 25 °C
Ptot
500
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
l = 4 mm, TL = constant
RthJA
350
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 150
°C


Número de pieza similar - 1N4148-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N4148-P VISHAY-1N4148-P Datasheet
117Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.0, 31-Mar-08
1N4148-P VISHAY-1N4148-P Datasheet
87Kb / 4P
   Small Signal Fast Switching Diodes
09-Jul-2021
1N4148-P VISHAY-1N4148-P_V01 Datasheet
87Kb / 4P
   Small Signal Fast Switching Diodes
09-Jul-2021
More results

Descripción similar - 1N4148-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.8, 24-Mar-06
LL4148-M VISHAY-LL4148-M Datasheet
61Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.1, 01-Sep-10
1N4150 VISHAY-1N4150_07 Datasheet
113Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.7, 16-Feb-07
MCL4148 VISHAY-MCL4148_06 Datasheet
134Kb / 6P
   Small Signal Fast Switching Diodes
Rev. 1.9, 07-Mar-06
1N4148 VISHAY-1N4148_12 Datasheet
109Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.3, 29-Oct-10
LL4148 VISHAY-LL4148_12 Datasheet
61Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.9, 01-Sep-10
1N4448 VISHAY-1N4448_15 Datasheet
83Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.1, 06-May-13
logo
First Silicon Co., Ltd
1N4148WT FS-1N4148WT Datasheet
505Kb / 3P
   Small-Signal Fast Switching Diodes
logo
Shenzhen Luguang Electr...
BAS16W LUGUANG-BAS16W_V01 Datasheet
1Mb / 3P
   Small-Signal Fast Switching Diodes
logo
Vishay Siliconix
1N4151 VISHAY-1N4151_V01 Datasheet
80Kb / 4P
   Small Signal Fast Switching Diodes
01-Jan-2022
1N4448 VISHAY-1N4448_V01 Datasheet
80Kb / 4P
   Small Signal Fast Switching Diodes
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com