Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD303C16S15C Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SD303C16S15C
Descripción Electrónicos  Fast Recovery Diodes (Hockey PUK Version), 350 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD303C16S15C Datasheet(HTML) 5 Page - Vishay Siliconix

  SD303C16S15C Datasheet HTML 1Page - Vishay Siliconix SD303C16S15C Datasheet HTML 2Page - Vishay Siliconix SD303C16S15C Datasheet HTML 3Page - Vishay Siliconix SD303C16S15C Datasheet HTML 4Page - Vishay Siliconix SD303C16S15C Datasheet HTML 5Page - Vishay Siliconix SD303C16S15C Datasheet HTML 6Page - Vishay Siliconix SD303C16S15C Datasheet HTML 7Page - Vishay Siliconix SD303C16S15C Datasheet HTML 8Page - Vishay Siliconix SD303C16S15C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 93174
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 04-Aug-08
5
SD303C..C Series
Fast Recovery Diodes
(Hockey PUK Version), 350 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristic
Fig. 11 - Typical Forward Recovery Characteristics
20 0 0
25 0 0
30 0 0
35 0 0
40 0 0
45 0 0
50 0 0
55 0 0
0
0
1
0
1
1
N um b e r O f E q ua l Am p litud e H a lf C yc le C urrent Puls es (N )
In itia l T = 1 2 5°C
@ 60 H z 0.0 083 s
@ 50 H z 0.0 100 s
J
At An y Ra t e d L o a d C o n d it io n A n d W ith
R a t e d V
A p plie d Fo llo w in g Su rg e .
RRM
SD 3 0 3 C ..C Se r ie s
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
0.01
0.1
1
Pu lse T ra in D u ra t io n ( s)
In itia l T = 1 2 5 ° C
N o V o lt a g e R e a p p lie d
R a t e d V
R e a p p lie d
RR M
J
V e r su s P u lse T ra in D u ra t io n .
M a x im u m N o n R e p e t itiv e S u rg e C u rre n t
SD 3 0 3 C ..C Se rie s
10
100
10 0 0
10000
0
1
23
45
6
7
8
In stan t a n e o us Fo rw ard V o ltag e ( V )
T = 2 5 ° C
T = 1 2 5 ° C
J
J
SD 303C ..C Se r ies
0. 0 0 1
0. 0 1
0. 1
1
0. 0 0 0 1 0.001
0 . 0 1
0 . 1
1
1 0
1 00
Sq u a re W a v e Pu lse D ur at io n ( s)
St e a d y S ta t e V a lu e
R
= 0 .1 6 K / W
(Sin g le Sid e C o o le d)
R
= 0 .0 8 K / W
(D o u b le S id e C o o le d )
(D C O p e ra tio n )
thJ -hs
thJ -h s
SD 3 0 3 C .. C Se rie s
0
20
40
60
80
10 0
12 0
0
2 00
4 0 0
6 00
80 0
1 000
1 20 0
1 4 0 0
1 6 0 0
1 800
2 0 0 0
R at e O f f F a ll O f F o rw a rd C u rre n t d i/ d t ( A / u se c )
T
= 1 2 5°C
T = 2 5°C
J
J
S D 303C .. S20C Se ries
I
V
FP


Número de pieza similar - SD303C16S15C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD303C16S15C IRF-SD303C16S15C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD303C16S15C VISHAY-SD303C16S15C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
More results

Descripción similar - SD303C16S15C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-SD303CC VISHAY-VS-SD303CC_V01 Datasheet
290Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
01-Jan-2022
SD303C04S10C VISHAY-SD303C04S10C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
VS-SD303CC VISHAY-VS-SD303CC Datasheet
306Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 15-Apr-14
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com