Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD1053C30S30L Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SD1053C30S30L
Descripción Electrónicos  Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1053C30S30L Datasheet(HTML) 2 Page - Vishay Siliconix

  SD1053C30S30L Datasheet HTML 1Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 2Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 3Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 4Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 5Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 6Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 7Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 8Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93167
2
Revision: 14-May-08
SD1053C..L Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version),
920/1050 A
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
SD1053C..L
UNITS
S20
S30
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
1050 (450) 920 (390)
A
55 (85)
55 (85)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
1940
1700
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
15 000
13 000
t = 8.3 ms
15 700
13 610
t = 10 ms
100 % VRRM
reapplied
12 620
10 930
t = 8.3 ms
13 210
11 450
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
1125
845
kA2s
t = 8.3 ms
1027
772
t = 10 ms
100 % VRRM
reapplied
796
598
t = 8.3 ms
727
546
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
11 250
8450
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
1.34
1.51
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
1.48
1.67
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.37
0.50
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.33
0.45
Maximum forward voltage drop
VFM
Ipk = 1500 A, TJ = TJ maximum,
tp = 10 ms sinusoidal wave
1.90
2.26
V
RECOVERY CHARACTERISTICS
CODE
MAXIMUM VALUE
AT TJ = 25 °C
TEST CONDITIONS
TYPICAL VALUES
AT TJ = 150 °C
trr AT 25 % IRRM
(µs)
Ipk
SQUARE
PULSE
(A)
dI/dt
(A/µs)
Vr
(V)
trr AT 25 % IRRM
(µs)
Qrr
(µC)
Irr
(A)
S20
2.0
1000
100
- 50
4.0
400
180
S30
3.0
4.5
550
230
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
and storage temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
case junction to heatsink
RthJ-hs
DC operation single side cooled
0.073
K/W
DC operation double side cooled
0.031
Mounting force, ± 10 %
14 700
(1500)
N
(kg)
Approximate weight
255
g
Case style
See dimensions - link at the end of datasheet
DO-200AB (B-PUK)
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t


Número de pieza similar - SD1053C30S30L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD1053C30S30L VISHAY-SD1053C30S30L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
More results

Descripción similar - SD1053C30S30L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-SD1053CL VISHAY-VS-SD1053CL Datasheet
472Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 15-Feb-17
SD1053C18S20L VISHAY-SD1053C18S20L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
VS-SD1053CL VISHAY-VS-SD1053CL_V01 Datasheet
482Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920 A, 1050 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com