Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD2500C20K Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SD2500C20K
Descripción Electrónicos  Standard Recovery Diodes (Hockey PUK Version), 3000 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD2500C20K Datasheet(HTML) 1 Page - Vishay Siliconix

  SD2500C20K Datasheet HTML 1Page - Vishay Siliconix SD2500C20K Datasheet HTML 2Page - Vishay Siliconix SD2500C20K Datasheet HTML 3Page - Vishay Siliconix SD2500C20K Datasheet HTML 4Page - Vishay Siliconix SD2500C20K Datasheet HTML 5Page - Vishay Siliconix SD2500C20K Datasheet HTML 6Page - Vishay Siliconix SD2500C20K Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93542
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
1
Standard Recovery Diodes
(Hockey PUK Version), 3000 A
SD2500C..K Series
Vishay High Power Products
FEATURES
• Wide current range
• High voltage ratings up to 2500 V
• High surge current capabilities
• Diffused junction
• Hockey PUK version
• Case style DO-200AC (K-PUK)
• Lead (Pb)-free
TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
3000 A
DO-200AC (K-PUK)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
3000
A
Ths
55
°C
IF(RMS)
5000
A
Ths
25
°C
IFSM
50 Hz
31 000
A
60 Hz
32 460
I2t
50 Hz
4810
kA2s
60 Hz
4390
VRRM
Range
1200 to 2500
V
TJ
- 40 to 180
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = 180 °C
mA
SD2500C..K
12
1200
1300
75
16
1600
1700
20
2000
2100
25
2500
2600


Número de pieza similar - SD2500C20K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD2500C20K VISHAY-SD2500C20K Datasheet
123Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 3000 A
Revision: 14-May-08
More results

Descripción similar - SD2500C20K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD2500C12K VISHAY-SD2500C12K Datasheet
123Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 3000 A
Revision: 14-May-08
VS-SD2500CK VISHAY-VS-SD2500CK_V01 Datasheet
171Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 3000 A
01-Jan-2022
VS-SD2500CK VISHAY-VS-SD2500CK Datasheet
172Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 3000 A
Revision: 06-Mar-17
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com