Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4937 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

No. de pieza 1N4937
Descripción Electrónicos  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

1N4937 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  1N4937 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 1N4937 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4933 THRU 1N4937
FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0Amperes
FEATURES
. Plastic package has Underwrites Laboratory
Flammability Classification 94V-0
. Fast switching speed
. Construction utilizes void-free molded plastic technique
. 1.0A operation at
TA=75
with to terminal runaway
. High temperature soldering guaranteed: 250
/10 seconds,
0.375"(9.5mm)lead length,5lbs.(2.3kg)tension
MECHANICAL DATA
.
Case: JEDEC DO-41 molded plastic body
.
Terminals: lead solderable per MIL-STD-750,method 2026
.
Polarity: Color band denotes cathode end
.
Mounting Position: Any
.
Weight: 0.012 ounce, 0.34 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive)
load. For capacitive load,derate current by 20%)
Symbols
1N4933
1N4934
1N4935
1N4936
1N4937
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
Volts
Macimum average forward rectified
current 0.375"(9.5mm)lead length at
TA=75
Peak forward surge current 8.3ms
sing-wave superimposed on rated load
(JEDEC method)
TA=75
Maximum instantaneous forward voltage at 1.0 A
VF
Volts
Maximum full load reverse current full cycle
average. 0.375"(9.5mm)lead length at
TL=55
Maximum reverse recovery time(Note 1)
Trr
ns
Typical junction Capacitance(Note 2)
CJ
pF
Notes: 1.Test conditions:IF=0.5A,IR=1.0A,Irr=0.25A.
2.Measured at 1MHz and applied reverse voltage of 4.0V Volts
A
1.3
I(AV)
Amp
IFSM
Amps
1.0
30.0
-65 to +150
Maximum DC Rreverse Current at rated DC
blocking voltage
IR
TJ
TSTG
Operating and storage temperature range
5.0
100
200.0
15.0
Copyright @ 2000 TIGER ELECTRONICS CO.,LTD
Page 1 of 2
TIGER ELECTRONIC CO.,LTD


Número de pieza similar - 1N4937

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N4937 MOTOROLA-1N4937 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Gaomi Xinghe Electronic...
1N4937 GXELECTRONICS-1N4937 Datasheet
325Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
1N4937 PANJIT-1N4937 Datasheet
40Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
HY ELECTRONIC CORP.
1N4937 HY-1N4937 Datasheet
827Kb / 3P
   Fast Recovery Recitifiers
logo
Shanghai Lunsure Electr...
1N4937 CHENYI-1N4937 Datasheet
168Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Descripción similar - 1N4937

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com