Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BZX384C22-V Datasheet(PDF) 5 Page - Vishay Siliconix |
|
BZX384C22-V Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 8 page BZX384-V-Series www.vishay.com Vishay Semiconductors Rev. 1.8, 22-Nov-11 5 Document Number: 85764 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Fig. 7 - Dynamic Resistance vs. Zener Voltage Fig. 8 - Temperature Dependence of Zener Voltage vs. Zener Voltage Fig. 9 - Change of Zener Voltage vs. Junction Temperature Fig. 10 - Change of Zener Voltage vs. Junction Temperature Fig. 11 - Temperature Dependence of Zener Voltage vs. Zener Voltage Fig. 12 - Change of Zener Voltage from Turn-on up to the Point of Thermal Equilibrium vs. Zener Voltage 18122 100 7 5 4 3 2 7 5 4 3 2 1 Ω R zj 10 T j = 25 °C I Z = 5 mA 1 23 4 5 23 4 5 10 100 V V Z 18135 Δ 25 20 15 10 5 0 - 5 mV/°C Δ V Z T j 1 23 4 5 23 4 5 10 100 V V Z at IZ = 5 mA V 27 V, I = 2 mA ≥ 5 mA 1 mA 20 mA I Z = 18124 V Z at IZ = 5 mA 25 15 10 8 7 6.2 5.9 5.6 5.1 4.7 3.6 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 - 1 - 0.2 V Z V T j 020 40 60 80 100 120 140 C Δ 18194 Δ 9 7 5 3 1 - 1 V V Z 8 6 4 2 0 0 100 60 T j 20 40 120 80 140 °C I Z = 2 mA 51 43 36 V Z at IZ = 2 mA 18195 Δ 100 80 60 40 20 0 mV/°C Δ V Z T j 0 20 40 80 60 100 V V Z at IZ = 2 mA I Z = 5 mA 18196 Δ 1.6 1.2 0.8 0.4 0 - 0.4 V V Z 1.4 1 0.6 0.2 - 0.2 1 23 4 5 23 4 5 10 100 V V Z at IZ = 5 mA I Z = 5 mA V Z 27 V; I Z = 2 mA ≥ V Z = rzth x IZ Δ |
Número de pieza similar - BZX384C22-V |
|
Descripción similar - BZX384C22-V |