Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N2907A Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

No. de pieza 2N2907A
Descripción Electrónicos  PNP EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2N2907A Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  2N2907A Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2N2907A Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 2N2907A Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristics Curve
Current Gain & Collector Current
10
100
1000
0.1
1
10
100
1000
Collector Current (mA)
VCE=10V
Saturation Voltage & Collector Current
10
100
1000
10000
0.1
1
10
100
1000
Collector Current (mA)
VBE(sat) @ IC=10IB
VBE(sat) @ IC=10IB
Capacitance & Reverse-Biased Voltage
1
10
100
0.1
1
10
100
Reverse Biased Voltage (V)
Cob
Cutoff Frequency & Collector Current
10
100
1000
1
10
100
Collector Current (mA)
VCE=20V
Safe Operating Area
1
10
100
1000
10000
1
10
100
Forward Biased Voltage-Vce (V)
PT=1ms
PT=100ms
PT=1s
TIGER ELECTRONIC CO.,LTD
TIGER ELECTRONIC CO.,LTD


Número de pieza similar - 2N2907A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nanjing International G...
2N2907A DGNJDZ-2N2907A Datasheet
870Kb / 5P
   T0-92 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
2N2907A PHILIPS-2N2907A Datasheet
52Kb / 8P
   PNP switching transistors
1997 May 30
logo
STMicroelectronics
2N2907A STMICROELECTRONICS-2N2907A Datasheet
741Kb / 7P
   SMALL SIGNAL PNP TRANSISTORS
logo
Central Semiconductor C...
2N2907A CENTRAL-2N2907A Datasheet
531Kb / 2P
   PNP SILICON TRANSISTOR
logo
Seme LAB
2N2907A SEME-LAB-2N2907A Datasheet
15Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
More results

Descripción similar - 2N2907A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com