Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAT54 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd |
|
BAT54 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd |
2 / 6 page BAT54R/A/C/SLT1 Notes: 1. A 2.0 k Ω variable resistor adjusted for a Forward Current (I F ) of 10mA. Notes: 2. Input pulse is adjusted so I R(peak) is equal to 10mA. Notes: 3. t p » t rr Figure 1. Recovery Time Equivalent Test Circuit 100 10 1.0 0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 150°C T A = 150°C T A = 125°C T A = 85°C T A = 25°C 0 5 10 15 20 25 30 1000 100 10 1.0 0.1 0.01 0.001 0 5 10 15 20 25 30 14 12 10 8 6 4 2 0 V F , FORWARD VOLTAGE (VOLTS) Figure 2. Forward Voltage V R , REVERSE VOLTAGE (VOLTS) Figure 3. Leakage Current V R , REVERSE VOLTAGE (VOLTS) Figure 4. Total Capacitance 125°C 85°C 25°C – 40°C –55°C +10 V 2.0 k 820 Ω 100 µH 0.1 µF D.U.T. 0.1 µF 50 Ω OUTPUT PULSE GENERATOR t r 50 Ω INPUT SAMPLING OSCILLOSCOPE t p t 10% 90% I F I R t rr t i R(REC) = 1.0 mA OUTPUT PULSE (I F = I R = 10 mA; MEASURED at i R(REC) = 1.0 mA) INPUT SIGNAL I F V R SEMICONDUCTOR BAT54/A/C/SLT1 Shandong Yiguang Electronic Joint stock Co., Ltd TECHNICAL DATA SCHOTTKY BARRIER DIODE |
Número de pieza similar - BAT54 |
|
Descripción similar - BAT54 |