Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU806 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

No. de pieza BU806
Descripción Electrónicos  MEDIUM Voltage & Fast Switching DarlingtonTransistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BU806 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BU806 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
l
Value
Unit
Collector-Base Voltage
V
CBO
400
V
Collector-Emitter Voltage
V
CEO
200
V
Emitter-Base Voltage
V
EBO
6
V
Collector Current
I
C
8.0
A
Base Current
I
B
2.0
A
Total Dissipation at
P
tot
60
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
BU806
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
I
CES
V
CE=400V, VBEO=0
100
uA
Emitter Cut-off Current
I
EBO
V
EB=6V, IC=0
3.5
mA
Collector-Emitter Sustaining Voltage
V
CEO
I
C=100mA, IB=0
200
V
DC Current Gain
h
FE(1)
V
CE=5V, IC=5.0A
200
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=5.0A,IB=50mA
1.5
V
Base-Emitter Saturation Voltage
V
BE(sat)
I
C=5.0A,IB=50mA
2.4
V
Damper Diode Forward Voltage
V
F
I
F=4.0A
2
V
Storage Time
T
S
I
C=5A, IB=0.5A
0.55
us
MEDIUM Voltage & Fast Switching DarlingtonTransistor
Product specification
The devices are silicon Epitaxial Planar NPN power transistors in Darlington
configuration with integrated base-emitter speed-up diode, mounted
in TO-220 plastic package.
They can be used in horizontal output stages of 110
oCRT video displays.
Electrical Characteristics ( Ta = 25
℃ )
Absolute Maximum Ratings ( Ta = 25
℃ )
DESCRIPTION
TO-220
TIGER ELECTRONIC CO.,LTD


Número de pieza similar - BU806

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
BU806 MOSPEC-BU806 Datasheet
110Kb / 3P
   POWER TRANSISTORS(8.0A,150-200V,60W)
logo
List of Unclassifed Man...
BU806 ETC2-BU806 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Motorola, Inc
BU806 MOTOROLA-BU806 Datasheet
104Kb / 4P
   8.0 AMPERE DARLINGTON NPN POWER TRANSISTORS 60 WATTS 200 VOLTS
logo
STMicroelectronics
BU806 STMICROELECTRONICS-BU806 Datasheet
164Kb / 6P
   FAST SWITCHING DARLINGTON TRANSISTORS
December 1988
BU806 STMICROELECTRONICS-BU806 Datasheet
59Kb / 4P
   MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS
More results

Descripción similar - BU806

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
D4120P UTC-D4120P Datasheet
77Kb / 2P
   MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
D4120P UTC-D4120P_15 Datasheet
77Kb / 2P
   MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
logo
STMicroelectronics
BU806 STMICROELECTRONICS-BU806 Datasheet
59Kb / 4P
   MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS
STL71 STMICROELECTRONICS-STL71 Datasheet
141Kb / 6P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULD116D STMICROELECTRONICS-BULD116D Datasheet
213Kb / 6P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL3N7 STMICROELECTRONICS-BUL3N7 Datasheet
199Kb / 10P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL116 STMICROELECTRONICS-BUL116 Datasheet
218Kb / 6P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BU810 STMICROELECTRONICS-BU810 Datasheet
63Kb / 4P
   MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
BULT116D STMICROELECTRONICS-BULT116D Datasheet
209Kb / 6P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL3P5 STMICROELECTRONICS-BUL3P5 Datasheet
212Kb / 10P
   MEDIUM VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com