Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD2114K Datasheet(PDF) 2 Page - Rohm

No. de pieza 2SD2114K
Descripción Electrónicos  High-current Gain Medium Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

2SD2114K Datasheet(HTML) 2 Page - Rohm

  2SD2114K_12 Datasheet HTML 1Page - Rohm 2SD2114K_12 Datasheet HTML 2Page - Rohm 2SD2114K_12 Datasheet HTML 3Page - Rohm 2SD2114K_12 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.01 - Rev.C
Data Sheet
2SD2114K
Packaging specifications and hFE
Package
Code
T146
3000
Taping
Basic ordering
unit (pieces)
VW
hFE
2SD2114K
Type
hFE values are classified as follows :
Item
hFE
V
820 to 1800
W
1200 to 2700
Electrical characteristic curves
0
0.4
0.8
1.2
1.6
2.0
0
0.1
0.2
0.3
0.4
0.5
Ta
=25°C
0.2
μA
0.4
μA
0.6
μA
0.8
μA
1.0
μA
1.2
μA
1.4
μA
1.6
μA
IB
=0
1.8
μA
2.0
μA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.1 Grounded emitter output
characteristics ( )
0
200
400
600
800
1000
02468
10
Ta
=25
°C
Measured using
pulse current.
0.2mA
0.4mA
0.6mA
0.8mA
1.0mA
1.2mA
1.4mA
1.6mA
1.8mA 2.0mA
IB
=0mA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2 Grounded emitter output
characteristics ( )
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
2
5
10
20
50
100
200
500
1000
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.3 Grounded emitter propagation
characteristics
VCE
=3V
Measured using
pulse current.
25
°C
−25°C
Ta
=100°C
1
2
5
10 20
50 100 200 500 1000
10
20
50
100
200
500
1000
2000
5000
10000
Ta
=25
°C
Measured using
pulse current.
COLLECTOR CURRENT : IC
(mA)
Fig.4 DC current gain vs. collector
current ( )
3V
VCE
=5V
1V
1
2
5 10 20
50 100 200 5001000
10000
5000
2000
1000
500
200
100
50
20
10
VCE
=3V
Measured using
pulse current.
COLLECTOR CURRENT : IC
(mA)
Fig.5 DC current gain vs.
collector current ( )
25
°C
−25°C
Ta
=100°C
1
2
2000
1000
200
500
100
20
50
10
5
2
5 10 20
50 100 200 5001000
Ta
=25
°C
Measured using
pulse current.
10
25
50
IC/IB
=100
COLLECTOR CURRENT : IC
(mA)
Fig.6 Collector-emitter saturation
voltage vs. collector current ( )
1
2
2000
1000
200
500
100
20
50
10
5
2
5
10 20
50 100 200 5001000
IC
/IB
=25
Measured using
pulse current.
COLLECTOR CURRENT : IC
(mA)
Fig.7 Collector-emitter saturation
voltage vs. collector current ( )
Ta
=100°C
25
°C
−25°C
COLLECTOR CURRENT : IC
(mA)
Fig.8 Base-emitter saturation
voltage vs. collector current ( )
1
2
5 10 20
50 100 200
500 1000
10000
5000
2000
1000
500
200
100
50
20
10
Ta
=25
°C
Pulsed
IC/IB
=10
25
50
100
1
2
5 10
20
50 100 200 5001000
10000
5000
2000
1000
500
200
100
50
20
10
COLLECTOR CURRENT : IC
(mA)
Fig.9 Base-emitter saturation voltage
vs. collector current ( )
Measured using
pulse current.
lC/lB
=10
25
°C
100
°C
Ta
=−25°C


Número de pieza similar - 2SD2114K_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SD2114KT146V ROHM-2SD2114KT146V Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114KT146W ROHM-2SD2114KT146W Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114K ROHM-2SD2114K_1 Datasheet
99Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
More results

Descripción similar - 2SD2114K_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SD2114KS ROHM-2SD2114KS Datasheet
96Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114KT146V ROHM-2SD2114KT146V Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114K ROHM-2SD2114K_1 Datasheet
99Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2144STPU ROHM-2SD2144STPU Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114KT146W ROHM-2SD2114KT146W Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
logo
SeCoS Halbleitertechnol...
PZT987A SECOS-PZT987A_15 Datasheet
1Mb / 2P
   Medium Power High Gain Transistor
PZT987A SECOS-PZT987A Datasheet
1Mb / 2P
   Medium Power High Gain Transistor
logo
Cystech Electonics Corp...
BTD2114N3 CYSTEKEC-BTD2114N3 Datasheet
283Kb / 8P
   High Current Gain Medium Power NPN Epitaxial Planar Transistor
logo
List of Unclassifed Man...
2SD2144 ETC-2SD2144 Datasheet
132Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A) 2SD2114K / 2SD2144S
logo
Guangdong Kexin Industr...
2SD2318 KEXIN-2SD2318 Datasheet
39Kb / 1P
   High-current gain Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com