Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA3472 Datasheet(PDF) 3 Page - Rohm

No. de pieza BA3472
Descripción Electrónicos  High Speed with High Voltage Operational Amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA3472 Datasheet(HTML) 3 Page - Rohm

  BA3472 Datasheet HTML 1Page - Rohm BA3472 Datasheet HTML 2Page - Rohm BA3472 Datasheet HTML 3Page - Rohm BA3472 Datasheet HTML 4Page - Rohm BA3472 Datasheet HTML 5Page - Rohm BA3472 Datasheet HTML 6Page - Rohm BA3472 Datasheet HTML 7Page - Rohm BA3472 Datasheet HTML 8Page - Rohm BA3472 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/39
27.FEB.2012 Rev.001
TSZ22111・15・001
BA3472, BA3472R, BA3474, BA3474R
●Absolute Maximum Ratings
(Ta=25[℃])
Parameter
Symbol
Ratings
Unit
BA3472
BA3474
BA3472R
BA3474R
Supply Voltage
VCC-VEE
+36
V
Differential Input Voltage
(*1)
Vid
36
V
Input Common-mode
Voltage Range
Vicm
(VEE - 0.3) to VEE + 36
V
Operating Temperature Range
Topr
-40 to +85(SOP14:+75)
-40 to +105
Storage Temperature Range
Tstg
-55 to +150
Maximum Junction Temperature
Tjmax
+150
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
●Electrical Characteristics
BA3472 (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Limits
Unit
Condition
BA3472F/FV/FVM
Min.
Typ.
Max.
Input Offset Voltage (*2)
Vio
25℃
-
1
10
mV
Vicm=0[V],VOUT=0[V]
-
1.5
10
VCC=5[V],VEE=0[V],Vicm=0[V],
VOUT=VCC/2
Input Offset Current (*2)
Iio
25℃
-
6
75
nA
Vicm=0[V],VOUT=0[V]
Input Bias Current (*2)
Ib
25℃
-
100
500
nA
Vicm=0[V],VOUT=0[V]
Supply Current
ICC
25℃
-
4
5.5
mA
RL=∞
High Level Output Voltage
VOH
25℃
3.7
4
-
V
VCC=5[V],RL=2[kΩ]
13.7
14
-
RL=10[kΩ]
13.5
-
-
RL=2[kΩ]
Low Level Output Voltage
VOL
25℃
-
0.1
0.3
V
VCC=5[V],RL=2[kΩ]
-
-14.7
-14.3
RL=10[kΩ]
-
-
-13.5
RL=2[kΩ]
Large Signal Voltage Gain
AV
25℃
80
100
-
dB
RL≧2[kΩ],VOUT=±10 [V]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-2.0
V
VCC=5[V],VEE=0[V],
VOUT=VCC/2
Common-mode Rejection Ratio CMRR
25℃
60
97
-
dB
Vicm=0[V],VOUT=0[V]
Power Supply Rejection Ratio
PSRR
25℃
60
97
-
dB
Vicm=0[V],VOUT=0[V]
Output Source Current (*3)
IOH
25℃
10
30
-
mA
VCC=5[V],VIN+=1[V],
VIN-=0[V],VOUT=0[V]
Only 1ch is short circuit
Output Sink Current (*3)
IOL
25℃
20
30
-
mA
VCC=5[V],VIN+=0[V],
VIN-=1[V],VOUT=5[V],
Only 1ch is short circuit
Maximum Frequency
ft
25℃
-
4
-
MHz
-
Slew Rate
SR
25℃
-
10
-
V/μs Av=1,Vin=-10 to +10[V],
RL=2[kΩ]
Channel Separation
CS
25℃
-
120
-
dB
-
(*2)
Absolute value
(*3)
Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


Número de pieza similar - BA3472

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA3472F ROHM-BA3472F Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
BA3472F ROHM-BA3472F Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472F ROHM-BA3472F Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
More results

Descripción similar - BA3472

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com