Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2902D Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

No. de pieza LM2902D
Descripción Electrónicos  QUAD OPERATIONAL AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2902D Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  LM2902D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2902D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2902D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2902D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2902D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS
(unless otherwise specified: Ta=25
°C, Vcc=5V)
Characteristics
Test Conditions
Min. Typ.
Max.
Unit
Input offset voltage
2
7
mV
Input bias current
I IN(+) or I IN- ,V CM =0V
20
250
nA
Input offset current
I IN(+) or I IN- ,V CM =0V
5
50
nA
Input common-mose voltage range
Vcc=30V
0
Vcc-1.5
V
Supply current
Over full te mp erature range
RL= ∞ on all OP amps
Vcc=30V
Vcc=5V
1.5
0.7
3
1.2
mA
Large signal voltage gain
Vcc=15V,R L ≥2kΩ
25
100
V/mV
Common-mode rejection ratio
DC,V CM =0V to Vcc-1.5V
65
85
dB
Power supply rejection ratio
Vcc=5V to 30V
65
100
dB
Source
V IN
+ =1V, V IN - =0V
Vcc=15V,Vo=2V
20
40
mA
V IN
+ =0V, V IN - =1V
Vcc=15V,Vo=2V
8
20
mA
Output current
Sink
V IN
+ =0V, V IN - =1V
Vcc=15V,Vo=200mV
12
50
µA
Short circuit to ground
Vcc=15V
40
60
mA
Vcc=30V, R L =2kΩ
26
V
V OH
Vcc=30V, R L =10kΩ
27
28
V
Output voltage swing
V OL
Vcc=5V, R L =10kΩ
5
20
mV
LM2902N/D
3/5


Número de pieza similar - LM2902D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
LM2902D PHILIPS-LM2902D Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Texas Instruments
LM2902D TI1-LM2902D Datasheet
1Mb / 40P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED MARCH 2015
logo
STMicroelectronics
LM2902D STMICROELECTRONICS-LM2902D Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
logo
Texas Instruments
LM2902D TI-LM2902D Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
logo
ON Semiconductor
LM2902D ONSEMI-LM2902D Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
More results

Descripción similar - LM2902D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com