Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI57X-EVB Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza SI57X-EVB
Descripción Electrónicos  Si57X/598/599 ANY FREQUENCY I2C PROGRAMMABLE XO/VCXO EVALUATION BOARD
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI57X-EVB Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI57X-EVB Datasheet HTML 2Page - Silicon Laboratories SI57X-EVB Datasheet HTML 3Page - Silicon Laboratories SI57X-EVB Datasheet HTML 4Page - Silicon Laboratories SI57X-EVB Datasheet HTML 5Page - Silicon Laboratories SI57X-EVB Datasheet HTML 6Page - Silicon Laboratories SI57X-EVB Datasheet HTML 7Page - Silicon Laboratories SI57X-EVB Datasheet HTML 8Page - Silicon Laboratories SI57X-EVB Datasheet HTML 9Page - Silicon Laboratories SI57X-EVB Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Si57x-EVB
6
Rev. 0.2
1.5.2. Jumpers
There are eight jumper locations on the Si57x-EVB as listed in Table 3. (The reference designations J4-J5 and
J16-17 are assigned to other connector types.) The default or pre-loaded jumpers are shown in Figure 3.
Table 3. Si57x-EVB Jumpers
Reference
Designation
Configuration
Signals
Default (Pre-loaded)
Jumper Installation
J1
1X2
Bypasses U3 level translator.
Connects signal MCU_SDA to signal
57x_SDA.
Installed
Supports DUT_VDD = 2.5 or
3.3 V nominal.
J2
1X2
Bypasses U3 level translator.
Connects signal MCU_SCL to signal
57x_SCL.
Installed
Supports DUT_VDD = 2.5 or
3.3 V nominal.
J3
1X2
Disables OE active low signal. See "1.7.
Si57x/598/599 Digital Control Signals" on
page 8.
Not installed
J6
1X3
Selects voltage regulator output supplying
DUT_VDD. See "1.2. Power Supply" on
page 3 and Table 1 on page 3.
Installed in 3.3 V position.
Ready for MCU control.
(Default voltage selection is
1.8 V if no jumper is installed.)
J7
1X2
Reset
Not installed
J8
1X2
57x SDA test pins only.
Not installed
J9
1X2
Disables OE active high signal. See “1.7.
Si57x/598/599 Digital Control Signals” .
Not installed
J10
1X2
57x SCL test pins only.
Not installed
J11
2X3
Disables U3 level translator.
Installed
Supports DUT_VDD = 2.5 or
3.3 V nominal.


Número de pieza similar - SI57X-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI570 SILABS-SI570 Datasheet
315Kb / 26P
   ANY-RATE I2C PROGRAMMABLE XO/VCXO
Si570 SILABS-Si570 Datasheet
111Kb / 2P
   Silicon Labs is pleased to announce rev 1.3 for the Si570
logo
Skyworks Solutions Inc.
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
logo
Silicon Laboratories
SI571 SILABS-SI571 Datasheet
315Kb / 26P
   ANY-RATE I2C PROGRAMMABLE XO/VCXO
Si571 SILABS-Si571 Datasheet
111Kb / 2P
   Silicon Labs is pleased to announce rev 1.3 for the Si570
More results

Descripción similar - SI57X-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI570 SILABS-SI570 Datasheet
315Kb / 26P
   ANY-RATE I2C PROGRAMMABLE XO/VCXO
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5351-B SKYWORKS-SI5351-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Silicon Laboratories
SI514 SILABS-SI514 Datasheet
1Mb / 36P
   ANY-FREQUENCY IC PROGRAMMABLE XO
logo
Skyworks Solutions Inc.
SI598 SKYWORKS-SI598 Datasheet
603Kb / 27P
   10–810 MHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.1
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com