Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA2030 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

No. de pieza TDA2030
Descripción Electrónicos  14W Hi-Fi AUDIO AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2030 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TDA2030 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TDA2030
14W Hi-Fi AUDIO AMPLIFIER
TDA2030
GENERAL DESCRIPTION
Outline Drawing
The TDA 2030 is a monolithic integrated
circuit in Pentawatt package, intended for
use as a low frequency class AB amplifier.
Ty pically it provides 14W output power (d
= 0.5%) at 14V/4
Ω;at ±14V or 28V, the
guaranteed output power is 12W on a 4
load and 8W on a 8
Ω (DIN45500).
The TDA 2030 provides high output
current and has very low harmonic and
cross-over distortion.
Further the device incorporates an origin al (and patented) short circuit protection
sy stem comp rising an arrangeme nt for automa tically limiting the dissipated power so
as to keep the working point of the output transistors within their safe operating area.
A conventional therma l shut-down sy stem is also included.
TYPICAL APPLICATION
C1
1.0uF
R2
4.7K
C2
2uF
R1
150K
R3
100K
Ra
100K
C5
100uF
C3
Rb
100K
Cb
D2
1N4001
D1
1N4001
2000uF
R4
1
C7
220nF
Vi
+Vs
R
1
2
3
5
4
L
2030
22K
1
TIGER ELECTRONIC CO.,LTD


Número de pieza similar - TDA2030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
More results

Descripción similar - TDA2030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com