Nombre de pieza
         Descripción
BSP50BSP52

 NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage) ( 5 Page)


SIEMENS
100% 
Zoom Out Zoom In
   
 5 page
background image
Semiconductor Group
5
BSP 50
… BSP 52
Collector-emitter saturation voltage
IC = f (VCE sat), IB-parameter
Transition frequency fT = f (IC)
VCE = 5 V, f = 100 MHz
Base-emitter saturation voltage
IC = f (VBE sat), IB-parameter
1  2  3  4  5 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BC337NPN Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC875NPN Silicon Darlington Transistors High current gain Low collector-emitter saturation voltage 1 2 3 4 Siemens Semiconductor Group
BSP60BSP62PNP Silicon Darlington Transistors High collector current Low collector-emitter saturation voltage 1 2 3 4 5 Siemens Semiconductor Group
BSS79NPN Silicon Switching Transistors High DC current gain Low collector-emitter saturation voltage 1 2 3 4 5 Siemens Semiconductor Group
BCX58BCX59NPN Silicon AF Transistors High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC327PNP Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC369PNP Silicon AF Transistor High current gain High collector current Low collector-emitter saturation voltage 1 2 3 4 Siemens Semiconductor Group
BFP22NPN Silicon Transistors High breakdown voltage l Low collector-emitter saturation voltage 1 2 3 4 Siemens Semiconductor Group
BC846W-BC850WNPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BSS80PNP Silicon Switching Transistors High DC current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl