Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4390B Datasheet(PDF) 1 Page - Powerex Power Semiconductors

No. de pieza CD4390B
Descripción Electrónicos  90 Amperes / Up to 1800 Volts Dual SCR Isolated Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWEREX [Powerex Power Semiconductors]
Página de inicio  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD4390B Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CD4390B Datasheet HTML 1Page - Powerex Power Semiconductors CD4390B Datasheet HTML 2Page - Powerex Power Semiconductors CD4390B Datasheet HTML 3Page - Powerex Power Semiconductors CD4390B Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
90 Amperes / Up to 1800 Volts
Revision Date: 04/28/2009
CD43__90B
CD43 Outline Dimensions
Dimension
Inches
Millimeters
A
3.66
93
B
0.79
20
C
3.15
80
D
1.18
30
F
0.61
15.5
G
0.79
20
H
0.79
20
J
0.16
4
K
0.22
5.7
L
0.59
15
M
1.10
28
N
0.31
8
P
0.94
24
Q
1.16
29.4
S
0.11 x .03
2.8 x 0.8
T
0.25
6.4
U
M5
M5
Note: Dimensions are for reference only.
CD43__90B
Dual SCR Isolated
POW-R-BLOK
TM Module
90 Amperes / Up to 1800 Volts
Ordering Information
:
Select the complete nine digit module
part number from the table below.
Example: CD431690B is a 1600Volt,
90 Ampere Dual SCR Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
Version
CD43
08
12
14
16
18
90
B
Description:
Powerex Dual SCR Modules are
designed for use in applications
requiring phase control and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
Electrically Isolated Heatsinking
DBC Alumina (Al2O3) Insulator
Copper Baseplate
Low Thermal Impedance
for Improved Current Capability
UL Recognized (E78240)
Benefits:
No Additional Insulation
Components Required
Easy Installation
No Clamping Components
Required
Reduce Engineering Time
Applications:
Bridge Circuits
AC & DC Motor Drives
Battery Supplies
Power Supplies
Large IGBT Circuit Front Ends
Lighting Control
Heat & Temperature Control
Welders
OUTLINE DRAWING
G
H
F
L
B
A
"S" FASTON TAB
"U" THREAD
K
T
C
Q
P
N
D M
J
+
1 ~
3
-
4
5
2
7
6
CONNECTION DIAGRAM


Número de pieza similar - CD4390B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerex Power Semicondu...
CD4390 POWEREX-CD4390 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
More results

Descripción similar - CD4390B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CD431690B POWERINT-CD431690B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
CD43_90B POWEREX-CD43_90B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes Up to 1800 Volts
CD6215B POWEREX-CD6215B Datasheet
115Kb / 4P
   Dual SCR/Diode Isolated Module 150 Amperes / Up to 1800 Volts
logo
Power Integrations, Inc...
CD421690B POWERINT-CD421690B Datasheet
120Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
PD4307 POWEREX-PD4307 Datasheet
99Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (700 Amperes / Up to 1800 Volts)
CD420840B POWEREX-CD420840B Datasheet
118Kb / 4P
   POW-R-BLOKTM Dual SCR/Diode Isolated Module 40 Amperes / Up to 1800 Volts
PD471207 POWEREX-PD471207 Datasheet
373Kb / 5P
   POW-R-BLOKTM Dual Diode / SCR Isolated Module 700 Amperes / Up to 1800 Volts
PD4207 POWEREX-PD4207 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
PD421407 POWEREX-PD421407 Datasheet
376Kb / 5P
   POW-R-BLOKTM Dual SCR / Diode Isolated Module 700 Amperes, Up to 1800 Volts
PD4707 POWEREX-PD4707 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com