Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1101-25EG6T Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

No. de pieza TS1101-25EG6T
Descripción Electrónicos  A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOUCHSTONE [Touchstone Semiconductor Inc]
Página de inicio  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1101-25EG6T Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TS1101-25EG6T Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1101-25EG6T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1101-25EG6T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1101-25EG6T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1101-25EG6T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1101-25EG6T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1101-25EG6T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1101-25EG6T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1101-25EG6T Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS1101
Page 1
© 2012 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
♦ Ultra-Low Supply Current: 1μA
♦ Wide Input Common Mode Range: +2V to +25V
♦ Low Input Offset Voltage: 100μV (max)
♦ Low Gain Error: 0.6% (max)
♦ Voltage Output
♦ SIGN Comparator Output: No “Dead Zone”
at ILOAD Switchover
♦ Four Gain Options Available:
TS1101-25: Gain = 25V/V
TS1101-50: Gain = 50V/V
TS1101-100: Gain = 100V/V
TS1101-200: Gain = 200V/V
♦ 6-Lead SOT23 Packaging
APPLICATIONS
Notebook Computers
Power Management Systems
Portable/Battery-Powered Systems
Smart Chargers
Smart Phones
DESCRIPTION
The bi-directional, voltage-output TS1101 current-
sense amplifiers are the lowest-power and most
accurate current-sense amplifiers available today.
Consuming a very low 1μA supply current, the
TS1101 high-side current-sense amplifiers exhibit a
100-µV (max) VOS and a 0.6% (max) gain error, both
specifications optimized for any precision current
measurement. For all high-side bidirectional current-
sensing applications, the TS1101s are self-powered
and feature a wide input common-mode voltage
range from 2V to 25V. A SIGN comparator digital
output is also provided that indicates the direction of
current flow depending on the external connections to
the TS1101’s RS+ and RS- input terminals.
The SOT23 package makes the TS1101 an ideal
choice for pcb-area-critical, supply-current-conscious,
high-accuracy
current-sense
applications
in
all
battery-powered and portable instruments.
All TS1101s are specified for operation over the
-40°C to +105°C extended temperature range.
A 1µA, +2V to +25V Bidirectional Precision Current-Sense Amplifier
TYPICAL APPLICATION CIRCUIT
PA`RT
GAIN OPTION
TS1101-25
25 V/V
TS1101-50
50 V/V
TS1101-100
100 V/V
TS1101-200
200 V/V
The Touchstone Semiconductor logo is a registered
trademark of Touchstone Semiconductor, Incorporated.
SIGN Comparator
’s Symmetric I
LOAD Switchover


Número de pieza similar - TS1101-25EG6T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS1101-25EG6 SILABS-TS1101-25EG6 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Descripción similar - TS1101-25EG6T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
Analog Devices
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com