Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC5210D Datasheet(PDF) 1 Page - Sanken electric

No. de pieza LC5210D
Descripción Electrónicos  Hybrid Integrated Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5210D Datasheet(HTML) 1 Page - Sanken electric

  LC5210D Datasheet HTML 1Page - Sanken electric LC5210D Datasheet HTML 2Page - Sanken electric LC5210D Datasheet HTML 3Page - Sanken electric LC5210D Datasheet HTML 4Page - Sanken electric LC5210D Datasheet HTML 5Page - Sanken electric LC5210D Datasheet HTML 6Page - Sanken electric LC5210D Datasheet HTML 7Page - Sanken electric LC5210D Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LED Lighting IC
LC5210D
SANKEN ELECTRIC CO.,LTD.
1/8
13 October 2011
◆Description
LC5210D is non-isolated type driver IC for LED lighting
which can achieve high efficiency in simple circuitry. Its
compact package which includes output MOSFET and
controller, and low external components are suitable for
small lighting equipment which requires saving space, like
LED light bulb.
Its high voltage capability allows direct connection to
rectified AC supply.
Protection features ensure safety LED drive.
◆Package
Package: DIP8
◆Applications
LED Lighting equipment
LED Light bulb
◆Main Specification
MOSFET
450V (MIN), 3.0Ω (MAX)
Output Current
1.0A (MAX)
Main Supply Voltage
450V (MAX)
◆Features
 DIP8Package
Output MOSFET and controller are included in
one package.
 High voltage supply input
Able to direct connection to rectified AC supply.
 Built-in constant current controller
- PWM mode current control circuitry.
- Adjustable output current by input voltage to Ref pin.
 External PWM
- PWM signal input to PWM pin enables dimming.
- Low signal shuts off output current.
 Under voltage lockout protection (UVLO)
Prevents malfunction when supply voltage is low.
 Over current protection (OCP)
Latched in response to the load short condition.
 Thermal Shutdown protection (TSD)
Protects IC from damage due to excess temperature,
auto-restart when temperature drops below threshold
Typical application circuit
LC5210
VBB
OUT
Sen
GND
Reg
PWM
Ref
R1
R2
ROff
COff
C2
RS
LED
Di
CO
L
Line
Filter
Input
C1
FUSE
http://www.sanken-ele.co.jp


Número de pieza similar - LC5210D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
LC5210D ALLEGRO-LC5210D Datasheet
601Kb / 15P
   LED Drivers
logo
Sanken electric
LC5210D SANKEN-LC5210D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
More results

Descripción similar - LC5210D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
LC5202S SANKEN-LC5202S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5203D SANKEN-LC5203D Datasheet
431Kb / 8P
   Hybrid Integrated Circuit
LC5223D SANKEN-LC5223D Datasheet
451Kb / 10P
   Hybrid Integrated Circuit
LC5222D SANKEN-LC5222D Datasheet
451Kb / 11P
   Hybrid Integrated Circuit
LC5222S SANKEN-LC5222S Datasheet
288Kb / 8P
   Hybrid Integrated Circuit
LC5225S SANKEN-LC5225S Datasheet
289Kb / 8P
   Hybrid Integrated Circuit
LC5226D SANKEN-LC5226D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5205S SANKEN-LC5205S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5225D SANKEN-LC5225D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5202D SANKEN-LC5202D Datasheet
436Kb / 16P
   Hybrid Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com