Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SI-8000Q Datasheet(PDF) 2 Page - Sanken electric |
|
SI-8000Q Datasheet(HTML) 2 Page - Sanken electric |
2 / 2 page 31 ICs SI-8000Q Series ■External Dimensions (HSOP8) (Unit : mm) ■Block Diagram ■Typical Connection Diagram 0.695 TYP 5.20 A 1.27 0.40 0.4 Pin 1 Mark Enlarged View of A 2.90 Pin Assignment 1BS 2IN 3SW 4GND 5FB 6COMP 7EN 8SS Plastic Mold Package Type Flammability: UL 94V-0 Product Mass: Approx. 0.1 g OSC P.REG VREF 0.5V 5v_ldo ON OFF 7 EN 6 COMP 4 GND 8 SS 1 BS 3 SW 5 FB 2 IN UVLO OVP TSD Amp 0.5V 5v_ldo Drive PWM LOGIC Boot REG Current Sense OCP Amp GND C1 C5 8 7 6 C3 D1 R2 GND C2 IADJ R1 L1 VO C4 R3 C6 OPEN 2 IN EN SS COMP GND 4 FB SI-8000Q SW BS 1 3 5 VIN VFB C1:10µF/50V (Murata:GRM55DB31H106KA87) C2:22µF/16V (Murata:GRM32ER71A226KE20) C3:560pF*1 (Murata:GRM18 Type) C4:10nF (murata: GRM18 Type) C5:10nF (murata: GRM18 Type) L1:10µH D1: SPB-G56S (Sanken) SJPB-L4 (Sanken) R1:46kΩ (Vo=5V) R2:5.1kΩ R3:24kΩ *1 *1: When Vo=5V |
Número de pieza similar - SI-8000Q |
|
Descripción similar - SI-8000Q |