Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0ZCB0150FF2E Datasheet(PDF) 1 Page - Bel Fuse Inc.

No. de pieza 0ZCB0150FF2E
Descripción Electrónicos  Surface Mount PTC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BEL [Bel Fuse Inc.]
Página de inicio  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZCB0150FF2E Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ZCB0150FF2E Datasheet HTML 1Page - Bel Fuse Inc. 0ZCB0150FF2E Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OZCBDJAN2011
Pb
HALOGEN FREE =
Pb
LEAD FREE =
Top and Bottom View
Top and Bottom View


Número de pieza similar - 0ZCB0150FF2E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
0ZCB0150FF2E BEL-0ZCB0150FF2E Datasheet
1Mb / 4P
   Surface Mount PTC
More results

Descripción similar - 0ZCB0150FF2E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
0ZCJ BEL-0ZCJ Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCM BEL-0ZCM Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCK BEL-0ZCK_16 Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCH BEL-0ZCH_16 Datasheet
1Mb / 4P
   Surface Mount PTC
logo
Littelfuse
1206L LITTELFUSE-1206L Datasheet
129Kb / 2P
   Surface Mount PTC
1812L LITTELFUSE-1812L Datasheet
154Kb / 2P
   Surface Mount PTC
3425L LITTELFUSE-3425L Datasheet
249Kb / 2P
   Surface Mount PTC
logo
Bel Fuse Inc.
0ZCB BEL-0ZCB_13 Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCD BEL-0ZCD_13 Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCE BEL-0ZCE_13 Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCC BEL-0ZCC_13 Datasheet
1Mb / 4P
   Surface Mount PTC
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com