Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC856AW Datasheet(PDF) 1 Page - Central Semiconductor Corp

No. de pieza BC856AW
Descripción Electrónicos  SURFACE MOUNT PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CENTRAL [Central Semiconductor Corp]
Página de inicio  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BC856AW Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BC856AW Datasheet HTML 1Page - Central Semiconductor Corp BC856AW Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC856W SERIES
BC857W SERIES
SURFACE MOUNT
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BC856W and
BC857W Series types are PNP Silicon Transistors
manufactured by the epitaxial planar process, epoxy
molded in a SUPERminiTM surface mount package,
designed for general purpose switching and amplifier
applications.
MARKING CODE: SEE MARKING CODE TABLE
ON FOLLOWING PAGE
Note: Reverse Lead Codes Available, Add “R” to
the end of the Part # and Marking Code.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
BC857W
BC856W
UNITS
Collector-Base Voltage
VCBO
50
80
V
Collector-Emitter Voltage
VCEO
45
65
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Base Current
IBM
200
mA
Power Dissipation
PD
275
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
455
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=30V
15
nA
ICBO
VCB=30V, TA=150°C
4.0
μA
IEBO
VEB=5.0V
100
nA
BVCBO
IC=10μA (BC857W)
50
V
BVCBO
IC=10μA (BC856W)
80
V
BVCEO
IC=10mA (BC857W)
45
V
BVCEO
IC=10mA (BC856W)
65
V
BVEBO
IE=10μA
5.0
V
VCE(SAT)
IC=10mA, IB=0.5mA
0.30
V
VCE(SAT)
IC=100mA, IB=5.0mA
0.65
V
VBE(SAT)
IC=100mA, IB=5mA
0.95
V
VBE(ON)
IC=2.0mA, VCE=5.0V
0.60
0.75
V
VBE(ON)
IC=10mA, VCE=5.0V
0.82
V
Cib
VEB=0.5V, IC=0, f=1.0MHz
12
pF
Cob
VCB=10V, IE=0, f=1.0MHz
5.0
pF
fT
VCE=5.0V, IC=10mA, f=100MHz
100
MHz
NF
VCE=5.0V, IC=200μA,
RS=2.0KΩ, f=1.0KHz, BW=200Hz
10
dB
BC856AW
BC856BW
BC857AW
BC857BW
BC857CW
MIN
MAX
MIN
MAX
MIN
MAX
hFE
VCE=5.0V, IC=2.0mA
125
250
220
475
420
800
SOT-323 CASE
R1 (20-November 2009)
www.centra lsemi.com


Número de pieza similar - BC856AW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BC856AW SIEMENS-BC856AW Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Micro Commercial Compon...
BC856AW MCC-BC856AW Datasheet
480Kb / 5P
   PNP General Purpose Transistors
logo
Diodes Incorporated
BC856AW DIODES-BC856AW Datasheet
47Kb / 2P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
logo
NXP Semiconductors
BC856AW NXP-BC856AW Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
logo
Infineon Technologies A...
BC856AW INFINEON-BC856AW Datasheet
229Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
More results

Descripción similar - BC856AW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
   Surface Mount PNP Silicon Transistor
logo
Central Semiconductor C...
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
ON Semiconductor
BF721T1 ONSEMI-BF721T1 Datasheet
105Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1998 REV 4
PZT2907AT1 ONSEMI-PZT2907AT1 Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
logo
Motorola, Inc
BF721T1 MOTOROLA-BF721T1 Datasheet
75Kb / 4P
   PNP SILICON TRANSISTOR SURFACE MOUNT
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com