Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTS710L1 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

No. de pieza BTS710L1
Descripción Electrónicos  Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS710L1 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button BTS710L1 Datasheet HTML 2Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 3Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 4Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 5Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 6Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 7Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 8Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 9Page - Siemens Semiconductor Group BTS710L1 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BTS 710 L1
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = 25 °C,
Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
6
Input and Status Feedback12)
Input resistance
(see circuit page 8)
Tj =-40..+150°C:
RI
2.5
3.5
6
k
Input turn-on threshold voltage
Tj =-40..+150°C:
VIN(T+)
1.7
--
3.5
V
Input turn-off threshold voltage
Tj =-40..+150°C:
VIN(T-)
1.5
--
--
V
Input threshold hysteresis
∆ V
IN(T)
--
0.5
--
V
Off state input current
VIN = 0.4 V:
Tj =-40..+150°C:
IIN(off)
1--
50
µA
On state input current
VIN = 5 V:
Tj =-40..+150°C:
IIN(on)
20
50
90
µA
Delay time for status with open load after switch
off (other channel in off state)
(see timing diagrams, page 12
),
Tj =-40..+150°C:
td(ST OL4)
100
320
800
µs
Delay time for status with open load after switch
off (other channel in on state)
(see timing diagrams, page 12
),
Tj =-40..+150°C:
td(ST OL5)
--
5
20
µs
Status invalid after positive input slope
(open load)
Tj =-40..+150°C:
td(ST)
--
200
600
µs
Status output (open drain)
Zener limit voltage
Tj =-40...+150°C, IST = +1.6 mA:
ST low voltage
Tj =-40...+25°C, IST = +1.6 mA:
Tj = +150°C, IST = +1.6 mA:
VST(high)
VST(low)
5.4
--
--
6.1
--
--
--
0.4
0.6
V
12) If ground resistors R
GND are used, add the voltage drop across these resistors.


Número de pieza similar - BTS710L1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS71033-6ESA INFINEON-BTS71033-6ESA Datasheet
3Mb / 85P
   SPOC??2 3x 22.5 m廓 SPI Power Controller 3x 70 m廓
Rev. 1.00 2019-09-24
BTS71033-6ESP INFINEON-BTS71033-6ESP Datasheet
1Mb / 86P
   SPOC™ 2 Serial Interface Power Controller
Rev. 1.00 2022-04-05
BTS71040-4ESA INFINEON-BTS71040-4ESA Datasheet
2Mb / 82P
   SPOC??2 4x 22.5 m廓 SPI Power Controller
Rev. 1.00 2018-10-16
BTS71040-4ESE INFINEON-BTS71040-4ESE Datasheet
2Mb / 82P
   SPOC??2 4x 22.5 m廓 SPI Power Controller
Rev. 1.00 2018-10-16
BTS71040-4ESP INFINEON-BTS71040-4ESP Datasheet
1Mb / 83P
   SPOC™ 2 Serial Interface Power Controller
Rev. 1.00 2022-04-05
More results

Descripción similar - BTS710L1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BTS720L1 SIEMENS-BTS720L1 Datasheet
378Kb / 14P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS721L1 SIEMENS-BTS721L1 Datasheet
192Kb / 15P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS712N1 SIEMENS-BTS712N1 Datasheet
183Kb / 14P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS711L1 SIEMENS-BTS711L1 Datasheet
193Kb / 15P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com