Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5060 Datasheet(PDF) 2 Page - Central Semiconductor Corp

No. de pieza 2N5060
Descripción Electrónicos  SILICON CONTROLLED RECTIFIER 0.8 AMP, 30 THRU 200 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CENTRAL [Central Semiconductor Corp]
Página de inicio  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N5060 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N5060 Datasheet HTML 1Page - Central Semiconductor Corp 2N5060 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS - Continued: (TC=25°C unless otherwise noted)
2N5062
2N5060
2N5063
2N5061
2N5064
SYMBOL
TEST CONDITIONS
TYP
TYP
UNITS
td
VD=Rated VDRM, IGT=1.0mA,
3.0
3.0
μs
tr
Forward Current=1.0A, di/dt=6.0A/μs
0.2
0.2
μs
Forward Current=1.0A, tp=50μs,
tq
0.1% Duty Cycle, di/dt=6.0A/μs,
10
30
μs
dv/dt=20V/μs, IGT=1.0mA
2N5060 THRU 2N5064
SILICON CONTROLLED RECTIFIERS
0.8 AMP, 30 THRU 200 VOLT
LEAD CODE:
1) Cathode
2) Gate
3) Anode
MARKING:
FULL PART NUMBER
TO-92 CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R5 (7-May 2015)


Número de pieza similar - 2N5060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
2N5060 BOCA-2N5060 Datasheet
31Kb / 1P
   SCRs (Silicon Controlled Rectifiers)
logo
Central Semiconductor C...
2N5060 CENTRAL-2N5060 Datasheet
22Kb / 1P
   0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
ON Semiconductor
2N5060 ONSEMI-2N5060 Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
New Jersey Semi-Conduct...
2N5060 NJSEMI-2N5060 Datasheet
248Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N5060 DIGITRON-2N5060 Datasheet
182Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
More results

Descripción similar - 2N5060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CS92B CENTRAL-CS92B Datasheet
71Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.8 AMP, 200 THRU 800 VOLTS
2N6605 CENTRAL-2N6605 Datasheet
528Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.35 AMP, 30 THRU 200 VOLTS
CS220-25B CENTRAL-CS220-25B Datasheet
66Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS
CS48-35B CENTRAL-CS48-35B Datasheet
112Kb / 2P
   SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS220-16B CENTRAL-CS220-16B Datasheet
68Kb / 2P
   SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS
CS39-4B CENTRAL-CS39-4B Datasheet
82Kb / 2P
   SILICON CONTROLLED RECTIFIER 4.0 AMP, 200 THRU 800 VOLTS
CS220-8B CENTRAL-CS220-8B Datasheet
71Kb / 2P
   SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS
CS220-10B CENTRAL-CS220-10B Datasheet
111Kb / 2P
   SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS
CS220-12B CENTRAL-CS220-12B Datasheet
83Kb / 2P
   SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS
CS218-35B CENTRAL-CS218-35B Datasheet
111Kb / 2P
   SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com