Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1060 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza 2SD1060
Descripción Electrónicos  NPN Epitaxial Planar Silicon Transistor 50V / 5A Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1060 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SD1060_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1060_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1060_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1060_12 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SD1060
No.686-4/4
PS
This catalog provides information as of April, 2012. Specifications and information herein are subject
to change without notice.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal
system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten
human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they
grant any guarantee thereof. If you should intend to use our products for new introduction or other application
different from current conditions on the usage of automotive device, communication device, office equipment,
industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.)
prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be
solely responsible for the use.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer
's
products or equipment.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating
condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
Co.,Ltd. products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures
or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give
rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment,
adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but
are not limited to protective circuits and error prevention circuits for safe design, redundant design, and
structural design.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or
otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
Upon using the technical information or products described herein, neither warranty nor license shall be
granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any
third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third
party's intellectual property rights which has resulted from the use of the technical information and products
mentioned above.


Número de pieza similar - 2SD1060_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
2SD1060 JMNIC-2SD1060_15 Datasheet
133Kb / 4P
   Silicon NPN Power Transistors
More results

Descripción similar - 2SD1060_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SC6081 SANYO-2SC6081 Datasheet
47Kb / 4P
   NPN Epitaxial Planar Silicon Transistor 50V / 5A High-Speed Switching
2SA2180 SANYO-2SA2180 Datasheet
40Kb / 4P
   PNP Epitaxial Planar Silicon Transistor 50V / 5A High-Speed Switching
FC114 SANYO-FC114 Datasheet
53Kb / 2P
   NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
FC112 SANYO-FC112 Datasheet
53Kb / 2P
   NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
FC116 SANYO-FC116 Datasheet
53Kb / 2P
   NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
FC108 SANYO-FC108 Datasheet
44Kb / 2P
   NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
FC106 SANYO-FC106 Datasheet
51Kb / 2P
   NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
SCH2201 SANYO-SCH2201 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor Switching, Driver Applications
SCH2202 SANYO-SCH2202 Datasheet
36Kb / 4P
   NPN Epitaxial Planar Silicon Transistor Switching, Driver Applications
FC110 SANYO-FC110 Datasheet
44Kb / 2P
   NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com