Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC74900 Datasheet(PDF) 9 Page - Sanyo Semicon Device

No. de pieza LC74900
Descripción Electrónicos  CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74900 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC74900 Datasheet HTML 5Page - Sanyo Semicon Device LC74900 Datasheet HTML 6Page - Sanyo Semicon Device LC74900 Datasheet HTML 7Page - Sanyo Semicon Device LC74900 Datasheet HTML 8Page - Sanyo Semicon Device LC74900 Datasheet HTML 9Page - Sanyo Semicon Device LC74900 Datasheet HTML 10Page - Sanyo Semicon Device LC74900 Datasheet HTML 11Page - Sanyo Semicon Device LC74900 Datasheet HTML 12Page - Sanyo Semicon Device LC74900 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LC74900
No.A2000-9/14
Continued from preceding page.
I/O format
Pin
No.
Pin symbol
I/O
Format
Connected to
Digital
IO power
supply
Remarks
51
DCBIN3
I
D
CMOS
Digital
DVDD33
Digital video input/OSD input (pull down if not used)
52
DCBIN4
I
D
CMOS
Digital
DVDD33
Digital video input/OSD input (pull down if not used)
53
DCBIN5
I
D
CMOS
Digital
DVDD33
Digital video input/OSD input (pull down if not used)
54
DVSS
P
GND
Digital
GND for digital
55
DCBIN6
I
D
CMOS
Digital
DVDD33
Digital video input/OSD input (pull down if not used)
56
DCBIN7
I
D
CMOS
Digital
DVDD33
Digital video input/OSD input (pull down if not used)
57
DYGIN0
I
D
CMOS
Digital
DVDD33
Digital video input/OSD input (pull down if not used)
58
DYGIN1
I
D
CMOS
Digital
DVDD33
Digital video input/OSD input (pull down if not used)
59
DYGIN2
I
D
CMOS
Digital
DVDD33
Digital video input/OSD input (pull down if not used)
60
DYGIN3
I
D
CMOS
Digital
DVDD33
Digital video input/OSD input (pull down if not used)
61
DYGIN4
I
D
CMOS
Digital
DVDD33
Digital video input/OSD input (pull down if not used)
62
DYGIN5
I
D
CMOS
Digital
DVDD33
Digital video input/OSD input (pull down if not used))
63
DYGIN6
I
D
CMOS
Digital
DVDD33
Digital video input/OSD input (pull down if not used)
64
DYGIN7
I
D
CMOS
Digital
DVDD33
Digital video input/OSD input (pull down if not used)
65
DVSS
P
GND
Digital
GND for digital
66
DROUT0
I/O
B
CMOS
Digital
DVDD33
Panel R output (LSB) (input port in test mode)
67
DROUT1
I/O
B
CMOS
Digital
DVDD33
Panel R output (input port in test mode)
68
DROUT2
I/O
B
CMOS
Digital
DVDD33
Panel R output (input port in test mode)
69
DROUT3
I/O
B
CMOS
Digital
DVDD33
Panel R output (input port in test mode)
70
DVDD33
P
IO voltage
Digital
Power supply for IO (3.3V)
71
DCKO1
O
G
CMOS
Digital
DVDD33
Panel clock output
72
DVSS
P
GND
Digital
GND for digital
73
DROUT4
I/O
B
CMOS
Digital
DVDD33
Panel R output (input port in test mode)
74
DROUT5
I/O
B
CMOS
Digital
DVDD33
Panel R output (input port in test mode)
75
DROUT6
I/O
B
CMOS
Digital
DVDD33
Panel R output (input port in test mode)
76
DROUT7
I/O
B
CMOS
Digital
DVDD33
Panel R output (MSB) (input port in test mode)
77
DBOUT0
I/O
B
CMOS
Digital
DVDD33
Panel B output (LSB) (input port in test mode)
78
DVDD15
P
Core voltage
Digital
Power supply for core (1.5V)
79
DBOUT1
I/O
B
CMOS
Digital
DVDD33
Panel B output (input port in test mode)
80
DBOUT2
I/O
B
CMOS
Digital
DVDD33
Panel B output (input port in test mode)
81
DBOUT3
I/O
B
CMOS
Digital
DVDD33
Panel B output (input port in test mode)
82
DBOUT4
I/O
B
CMOS
Digital
DVDD33
Panel B output (input port in test mode)
83
DBOUT5
I/O
B
CMOS
Digital
DVDD33
Panel B output (input port in test mode)
84
DVDD33
P
IO voltage
Digital
Power supply for IO (3.3V)
85
DBOUT6
I/O
B
CMOS
Digital
DVDD33
Panel B output (input port in test mode)
86
DBOUT7
I/O
B
CMOS
Digital
DVDD33
Panel B output (MSB) (input port in test mode)
87
DGOUT0
I/O
B
CMOS
Digital
DVDD33
Panel G output (LSB) (input port in test mode)
88
DGOUT1
I/O
B
CMOS
Digital
DVDD33
Panel G output (input port in test mode)
89
DGOUT2
I/O
B
CMOS
Digital
DVDD33
Panel G output (input port in test mode)
90
DGOUT3
I/O
B
CMOS
Digital
DVDD33
Panel G output (input port in test mode)
91
DGOUT4
I/O
B
CMOS
Digital
DVDD33
Panel G output (input port in test mode)
92
DGOUT5
I/O
B
CMOS
Digital
DVDD33
Panel G output (input port in test mode)
93
DGOUT6
I/O
B
CMOS
Digital
DVDD33
Panel G output (input port in test mode)
94
DGOUT7
I/O
B
CMOS
Digital
DVDD33
Panel G output (MSB) (input port in test mode)
95
DHSO
I/O
B
CMOS
Digital
DVDD33
Panel Hsync/Start pulse for source driver/
Video decoder Vsync output (input port in test mode)
96
DVSS
P
GND
Digital
GND for digital
97
DVSO
I/O
B
CMOS
Digital
DVDD33
Panel Vsync/Start pulse for gate driver/
Video decoder Vsync output (input port in test mode)
98
DDEO
I/O
B
CMOS
Digital
DVDD33
Panel enable output (input port in test mode)
99
DEXR
I/O
B
CMOS
Digital
DVDD33
Invert control signal for DTR/
Video decorer output 1[7](BT.656) (input port in test mode)
Continued on next page.


Número de pieza similar - LC74900

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
More results

Descripción similar - LC74900

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Etron Technology, Inc.
EL8332 ETRON-EL8332 Datasheet
247Kb / 2P
   Small Size LCD Processor
EL8323 ETRON-EL8323 Datasheet
51Kb / 2P
   Small Size LCD Processor
logo
Sanyo Semicon Device
LC74950BG SANYO-LC74950BG Datasheet
356Kb / 37P
   CMOS IC Silicon gate 40/30MSPS Analog Display I/F LSI
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
LC749880T SANYO-LC749880T Datasheet
118Kb / 17P
   Silicon gate Image controller LSI for LCD-TV
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
LV4147W SANYO-LV4147W Datasheet
435Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4138W SANYO-LV4138W Datasheet
436Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com